Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201
Description  900-MHz, High-Power Output, Current Feedback Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201 Datasheet(HTML) 4 Page - Texas Instruments

  THS3201 Datasheet HTML 1Page - Texas Instruments THS3201 Datasheet HTML 2Page - Texas Instruments THS3201 Datasheet HTML 3Page - Texas Instruments THS3201 Datasheet HTML 4Page - Texas Instruments THS3201 Datasheet HTML 5Page - Texas Instruments THS3201 Datasheet HTML 6Page - Texas Instruments THS3201 Datasheet HTML 7Page - Texas Instruments THS3201 Datasheet HTML 8Page - Texas Instruments THS3201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
THS3491
SBOS875 – AUGUST 2017
www.ti.com
Product Folder Links: THS3491
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Stay below this dV/dT supply turn on and off edge rate to make sure that the edge-triggered ESD absorption device across the supply
pins remains open. Exceeding this supply edge rate may transiently show a short circuit across the supplies.
(3)
Long-term continuous current for electro-migration limits.
(4)
Thermal shutdown at approximately 165°C junction temperature and recovery at approximately 145°C
(5)
See the MSL/Reflow Rating information provided with the material, or see the TI web site at www.ti.com for the latest information.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, (+VS) – (–VS)
33
V
Supply voltage turn on, turn off maximum dV/dT(2)
1
V/µs
Input/output voltage range
(–VS) – 0.5
(+VS) + 0.5
V
Differential input voltage
±0.5
Current
Continuous input current(3)
±10
mA
Continuous output current(3)
±100
Temperature
Operating, TA
TBD
TBD
°C
Junction, TJ
(4)
Normal operation
150
Continuous operation, long-term reliability
125
Storage(5), Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
(+VS) – (–VS) Supply voltage
Dual supply
±7
±15
±16
V
Single supply
14
30
32
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
THS3491
UNIT
DDA
(SO PowerPAD™)
RGT
(VQFN With
Thermal Pad)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
44.5
49.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.8
55.4
°C/W
RθJB
Junction-to-board thermal resistance
19.2
23.1
°C/W
ψJT
Junction-to-top characterization parameter
6.4
1.8
°C/W
ψJB
Junction-to-board characterization parameter
19.5
23.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.5
7.8
°C/W


Similar Part No. - THS3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com