Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04832NKDT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04832NKDT
Description  LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04832NKDT Datasheet(HTML) 7 Page - Texas Instruments

  LMK04832NKDT Datasheet HTML 1Page - Texas Instruments LMK04832NKDT Datasheet HTML 2Page - Texas Instruments LMK04832NKDT Datasheet HTML 3Page - Texas Instruments LMK04832NKDT Datasheet HTML 4Page - Texas Instruments LMK04832NKDT Datasheet HTML 5Page - Texas Instruments LMK04832NKDT Datasheet HTML 6Page - Texas Instruments LMK04832NKDT Datasheet HTML 7Page - Texas Instruments LMK04832NKDT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(8.8)
64X (0.6)
64X (0.25)
25X (1.16)
(8.8)
60X (0.5)
(1.36) TYP
(1.36)
TYP
4214996/A 08/2013
WQFN - 0.8 mm max height
NKD0064A
WQFN
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDERPASTE EXAMPLE
BASED ON 0.125mm THICK STENCIL
EXPOSED PAD
65% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X
1
16
17
32
33
48
49
64
SYMM


Similar Part No. - LMK04832NKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04832 TI-LMK04832 Datasheet
2Mb / 99P
[Old version datasheet]   LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832 TI-LMK04832 Datasheet
2Mb / 98P
[Old version datasheet]   LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SEP TI-LMK04832-SEP Datasheet
3Mb / 103P
[Old version datasheet]   LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2022
LMK04832-SEP TI-LMK04832-SEP Datasheet
2Mb / 102P
[Old version datasheet]   LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
REVISED NOVEMBER 2022
LMK04832-SEP TI-LMK04832-SEP_V01 Datasheet
2Mb / 102P
[Old version datasheet]   LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
REVISED NOVEMBER 2022
More results

Similar Description - LMK04832NKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04610 TI1-LMK04610 Datasheet
1Mb / 124P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04616 TI1-LMK04616 Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04832-SP TI-LMK04832-SP_V01 Datasheet
2Mb / 98P
[Old version datasheet]   LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04832-SP TI-LMK04832-SP Datasheet
2Mb / 99P
[Old version datasheet]   LMK04832-SP Space Grade Ultra-Low-Noise JESD204B Dual-Loop Clock Jitter Cleaner
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04832-SEP TI-LMK04832-SEP Datasheet
3Mb / 103P
[Old version datasheet]   LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
OCTOBER 2022
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com