Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM73605RNPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM73605RNPR
Description  LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM73605RNPR Datasheet(HTML) 1 Page - Texas Instruments

  LM73605RNPR Datasheet HTML 1Page - Texas Instruments LM73605RNPR Datasheet HTML 2Page - Texas Instruments LM73605RNPR Datasheet HTML 3Page - Texas Instruments LM73605RNPR Datasheet HTML 4Page - Texas Instruments LM73605RNPR Datasheet HTML 5Page - Texas Instruments LM73605RNPR Datasheet HTML 6Page - Texas Instruments LM73605RNPR Datasheet HTML 7Page - Texas Instruments LM73605RNPR Datasheet HTML 8Page - Texas Instruments LM73605RNPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
SW
PVIN
PGND
CBOOT
VCC
BIAS
EN
AGND
FB
VIN
COUT
CBOOT
CIN
CVCC
VOUT
RFBT
RFBB
L
SYNC/
MODE
RT
SS/TRK
PGOOD
Copyright © 2017, Texas Instruments Incorporated
Load Current (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 56
50
55
60
65
70
75
80
85
90
95
100
Eff_
VIN = 12 V
VIN = 24 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM73605, LM73606
SNVSAH5 – SEPTEMBER 2017
LM73605/LM73606 3.5-V to 36-V, 5-A or 6-A Synchronous
Step-Down Voltage Converter
1
1 Features
1
Synchronous Rectification
Wettable Flanks QFN Package (WQFN)
Low Quiescent Current
0.8 µA in Shutdown (typical)
15 µA in Active Mode with No Load (typical)
Wide Voltage Conversion Range:
tON_MIN = 60 ns (typical)
tOFF_MIN = 70 ns (typical)
Low MOSFET ON-Resistance:
RDS_ON_HS = 53 mΩ (typical)
RDS_ON_LS = 31 mΩ (typical)
External Bias Input to Improve Efficiency
Pin-Selectable Auto Mode or Forced PWM
Operation
Adjustable Frequency Range: 350 kHz to 2.2 MHz
Synchronizable to External Clock
Internal Compensation
Power-Good Flag
Precision Enable to Program System UVLO
Flexible Soft-Start Features:
Start-up into Pre-Biased Load
Fixed or Adjustable Soft-Start Time
Output Voltage Tracking
Cycle-by-Cycle Current Limiting
Short-Circuit Protection With Hiccup Mode
Thermal Shutdown Protection
Create a Custom Design With the WEBENCH®
Power Designer using LM73605 or LM73606
Simplified Schematic
2 Applications
Industrial Distributed Power Applications
Telecommunications Systems
General-Purpose Wide VIN Regulation
3 Description
The LM73605/LM73606 family of devices are easy-
to-use synchronous step-down DC-DC converters
capable of driving up to 5 A (LM73605) or 6 A
(LM73606) of load current from a supply voltage
ranging from 3.5 V to 36 V. The LM73605/LM73606
provide exceptional efficiency and output accuracy in
a very small solution size. Peak current-mode control
is employed. Additional features such as adjustable
switching frequency, synchronization to an external
clock, FPWM option, power-good flag, precision
enable, adjustable soft start, and tracking provide
both flexible and easy-to-use solutions for a wide
range of applications. Automatic frequency foldback
at light load and optional external bias improve
efficiency over the entire load range. The family
requires few external components and has a pinout
designed for simple PCB layout with optimal EMI and
thermal performance. Protection features include
thermal shutdown, input undervoltage lockout, cycle-
by-cycle current limiting, and hiccup short-circuit
protection. The LM73605 and LM73606 devices are
pin-to-pin compatible for easy current scaling.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM73605
WQFN (30)
Wettable Flanks
6.00 mm × 4.00 mm
LM73606
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Efficiency vs Load Current
VOUT = 5 V, fSW = 500 kHz, Auto Mode


Similar Part No. - LM73605RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605RNPR TI1-LM73605RNPR Datasheet
114Kb / 9P
[Old version datasheet]   5A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM73605RNPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI-LM73605-Q1_V01 Datasheet
5Mb / 65P
[Old version datasheet]   LM7360x-Q1 3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com