Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # BAW56
Description  225mW SMD Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BAW56 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BAW56 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BAW56 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Min
Max
0.08
0.19
0.550 REF
0.90
1.20
2.25
2.55
1.80
2.00
0.30
0.50
Case :SOT-23 small outline plastic package
1.20
1.40
2.80
3.00
SOT-23
3K / 7" Reel
SOT-23
3K / 7" Reel
SOT-23
3K / 7" Reel
Package
Packing
BAW56, BAV70, BAV99
225mW SMD Switching Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
packing code and prefix "G" on date code
Maximum Ratings
VRRM
Units
°C/W
BAV99
Repetitive Peak Reverse Voltage
Rating at 25
°C ambient temperature unless otherwise specified.
Repetitive Peak Forward Current
IFRM
Mean Forward Current
IO
Junction and Storage Temperature Range
TJ, TSTG
Thermal Resistance (Junction to Ambient)
R
θJA
200
mA
SOT-23
Value
Unit (mm)
A
C
225
Suggested PAD Layout
BAW56
BAV70
mW
Symbol
Type Number
High temperature soldering guaranteed: 260
°C/10s
Weight : 0.008gram (approximately)
H
Pin Configuration
Marking Code : A1,A4,A7
E
F
G
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Green compound (Halogen free) with suffix "G" on
D
Dimensions
B
°C
V
-55 to + 150
450
0.5
357
mA
2
A
70
Maximum Ratings and Electrical Characteristics
Ordering Information
Part No.
Power Dissipation
PD
Non-Repetitive Peak Forward
Surge Current
Pulse Width=1 sec
Pulse Width=1
μsec
IFSM
BAW5
BAV99
BAV70
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
G
H
Z ibo Seno Electronic Engineering Co., Ltd.
1 of 2
www.senocn.com
BAW56, BAV70, BAV99
Alldatasheet


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Foshan Blue Rocket Elec...
BAW56 FOSHAN-BAW56 Datasheet
645Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
logo
Diotech Company.
BAW56 DIOTECH-BAW56 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
logo
Shanghai Leiditech Elec...
BAW56 LEIDITECH-BAW56 Datasheet
396Kb / 3P
   Low forward voltage
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
   225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
   225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
   225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
   225mW, SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
   225mW SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
   225mW SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com