Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5235IS-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5235IS-T7
Description  630MHz, Gain of 5, Low Noise Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5235IS-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5235IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5235IS-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN7383.2
October 3, 2005
FIGURE 29. SMALL SIGNAL STEP RESPONSE_RISE AND
FALL TIME
FIGURE 30. LARGE SIGNAL STEP RESPONSE_RISE AND
FALL TIME
FIGURE 31. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 32. SLEW RATE vs SUPPLY VOLTAGES
FIGURE 33. THIRD ORDER IMD INTERCEPT (IP3)
FIGURE 34. THIRD ORDER IMD INTERCEPT vs FREQUENCY
Typical Performance Curves (Continued)
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-20
0
20
40
60
80
100
120
140
160
TIME (ns)
TFALL = 1.75 ns
TRISE = 1.75ns
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
VOUT = 500mV
-2
1
0
1
2
-20
0
20
40
60
80
100
120
140
160
TIME (ns)
TFALL = 2.4ns
TRISE = 2.4ns
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
VOUT = 2.0V
6.0
6.2
6.4
6.6
6.8
7.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (V)
Please note that the curve showed positive current.
The negative current was almost the same.
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
200
300
400
500
600
700
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
NEGATIVE SLEW RATE
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
VOUT = 4VP-P
POSITIVE SLEW RATE
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.8
0.9
1.0
1.1
1.2
FREQUENCY (MHz)
f2 = 4.3dBm
@ 1.05MHz
2f1-f2 = -69.4dBm
@ 0.85MHz
f1 = 4.3dBm
@ 0.95MHz
2f2-f1 = -66.3dBm
@ 1.15MHz
VS = ±5V
AV = +10
RF = 226Ω
RL = 100Ω
CL = 10pF
Delta IM = (4.3) - (-69.4) = 73.7dB
IP3 = 4.3 + (73.7/2) = 41dBm
0
5
10
15
20
25
30
35
40
45
50
1
10
100
FREQUENCY (MHz)
VS = ±5V
AV = +10
RF = 226Ω
RL = 100Ω
CL = 10pF
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5235IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5235IS-T7 INTERSIL-EL5235IS-T7 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5235IS-T7 INTERSIL-EL5235IS-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5235IS-T7 RENESAS-EL5235IS-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5235IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com