Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES4227 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES4227
Description  Internet Set-Top Box Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4227 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES4227 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4227 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SAM0378-053001
ESS Technology, Inc.
ES4228/ES4227 PRODUCT BRIEF
Name
Number
I/O
Description
DMA[11:0]
66:61, 58:53
O
DRAM address bus.
DCAS#
69
O
DRAM column address strobe.
DOE#
70
O
DRAM output enable.
DSCK_EN
O
DRAM system clock enable.
DWE#
71
O
DRAM write enable.
DRAS[2:0]#
74:72
O
DRAM row address strobe.
DB[15:0]
96:93, 90:85 ,82:77
I/O
DRAM data bus.
DCS[1:0]#
97, 100
O
SDRAM chip select [1:0].
DQM
101
O
Data input/output mask.
DSCK
102
O
DRAM system clock to SDRAM.
DCLK
105
I
Clock input (bypass/test mode).
YUV[7:0]
115:113, 110:106
O
8-bit YUV output.
PCLK2XSCN
116
I/O
2X pixel clock.
PCLKQSCN
117
I/O
Pixel clock.
VSYNC#
118
I/O
Vertical sync.
HSYNC#
119
I/O
Horizontal sync.
HD[15:0]
141:140, 137:131, 128:122
I/O
Host data bus
VPP
159
I
5 V power supply.
AUX[7:0]
169:165, 162:160
I/O
Auxiliary ports.
LOE#
170
O
EPROM device output enable.
LCS[3:0]#
176:173
O
EPROM chip select [3:0].
LD[15:0]
197:194,191:185,182:178
I/O
EPROM device data bus.
LWRLL#
198
O
EPROM device low byte write enable.
LWRHL#
199
O
EPROM device high byte write enable.
NC
37, 38, 41, 42, 146:142,
155:149, 158, 203:202
No connect.
Table 1
ES4228 Pin Descriptions List (Continued)


Similar Part No. - ES4227

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-P DBLECTRO-ES40-P Datasheet
344Kb / 5P
   Sealed Sub-Miniature Push button Switches
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
EPCOS
ES400XSMD EPCOS-ES400XSMD Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
logo
EMP-Centauri s.r.o.
ES41-15 EMP-CENTAURI-ES41-15 Datasheet
505Kb / 1P
   UTP/coaxial ethernet switch 2in / 4out
More results

Similar Description - ES4227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES4427 ETC-ES4427 Datasheet
119Kb / 10P
   Web/DVD Set-Top Box Solution
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
Synaptics Incorporated.
CX24142 CONEXANT-CX24142 Datasheet
257Kb / 2P
   Single-Chip FTA and FTA-CI Set-Top BOX System Solution
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
   Set-Top Box, Cable Modem
logo
FSP TECHNOLOGY INC.
FSP040-DGAA3 FSP-FSP040-DGAA3 Datasheet
109Kb / 1P
   IPC systems, Set top box
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
NXP Semiconductors
OM5721 PHILIPS-OM5721 Datasheet
100Kb / 20P
   STB5660 Set-Top Box STB concept
1999 May 05
logo
STMicroelectronics
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com