Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5135IW-T7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5135IW-T7A
Description  630MHz, Gain of 5, Low Noise Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5135IW-T7A Datasheet(HTML) 3 Page - Intersil Corporation

  EL5135IW-T7A Datasheet HTML 1Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 2Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 3Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 4Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 5Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 6Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 7Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 8Page - Intersil Corporation EL5135IW-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN7383.2
October 3, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . 13.2V
SR, Supply Rate of Supply Voltage Slew. . . . . . . . . Maximum 1V/µs
IIN-, IIN+, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 500Ω, RF = 100Ω, RG = 25Ω, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
-1
0.2
1
mV
EL5234
0.3
±1.5
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
-0.8
µV/°C
IB
Input Bias Current
VIN = 0V
2.5
3.7
5.5
µA
IOS
Input Offset Current
VIN = 0V
-0.7
0.3
0.7
nA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
-3
nA/°C
PSRR
Power Supply Rejection Ratio
VS+ = 4.75V to 5.25V
75
85
dB
CMRR
Common Mode Rejection Ratio
VCM = ±3V
80
108
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
RIN
Input Resistance
Common mode
5
16
M
CIN
Input Capacitance
1pF
IS
Supply Current
5.6
6.7
7.8
mA
AVOL
Open Loop Gain
RL = 1kΩ to GND
4.0
8.0
kV/V
VO
Voltage Swing
RL = 1kΩ, RF = 900Ω, RG = 100Ω
±3.5
3.9
V
RL = 150Ω, RF = 900Ω, RG = 100Ω
±3.3
3.65
V
ISC
Short Circuit Current
RL = 10Ω
70
140
mA
BW
-3dB Bandwidth
AV = 5, RL = 1kΩ
600
MHz
BW
±0.1dB Bandwidth
AV = 5, RL = 1kΩ
40
MHz
GBWP
Gain Bandwidth Product
1500
MHz
PM
Phase Margin
RL = 1kΩ, CL = 6pF
55
°
SR
Slew Rate
VS = +5V, RL = 150Ω, VOUT = 0V to 3V
350
475
V/µs
tR
Rise Time
±0.1VSTEP
1.75
ns
tF
Fall Time
±0.1VSTEP
1.75
ns
OS
Overshoot
±0.1VSTEP
25
%
tS
0.01% Settling Time
14
ns
dG
Differential Gain
AV = 5, RF = 1kΩ
0.01
%
dP
Differential Phase
AV = 5, RF = 1kΩ
0.01
°
eN
Input Noise Voltage
f = 10kHz
1.9
nV/
√Hz
iN
Input Noise Current
f = 10kHz
0.9
pA/
√Hz
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5135IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5135IW-T7A INTERSIL-EL5135IW-T7A Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
EL5135IW-T7A INTERSIL-EL5135IW-T7A Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5135IW-T7A RENESAS-EL5135IW-T7A Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5135IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Analog Devices
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
   Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com