Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP060T2 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCP060T2
Description  HIGH EFFICIENCY pHEMT POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T2 Datasheet(HTML) 2 Page - BeRex Corporation

  BCP060T2 Datasheet HTML 1Page - BeRex Corporation BCP060T2 Datasheet HTML 2Page - BeRex Corporation BCP060T2 Datasheet HTML 3Page - BeRex Corporation BCP060T2 Datasheet HTML 4Page - BeRex Corporation BCP060T2 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP060T
ELECTRICAL CHARACTERISTIC (TUNED FOR GAIN) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
25.5
26.0
27.0
28.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
12.5
9.5
13.5
10.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
60
60
%
MAXIMUM RATING (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-8 V
Idss
30 mA
24 dBm
175° C
-60° C - 150° C
2.1 W
8 V
-3 V
Idss
5 mA
@3dB Compression
150° C
-60° C - 150° C
1.7 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.
PIN_POUT/Gain, PAE (12 GHz)
Frequency = 12GHz
Vds= 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 12GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


Similar Part No. - BCP060T2

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T BEREX-BCP060T Datasheet
629Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T BEREX-BCP060T Datasheet
435Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T-70 BEREX-BCP060T-70 Datasheet
866Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Similar Description - BCP060T2

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T BEREX-BCP060T_15 Datasheet
435Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T BEREX-BCP060T Datasheet
629Kb / 5P
   HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP120T BEREX-BCP120T Datasheet
692Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP240T BEREX-BCP240T Datasheet
578Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF020T BEREX-BCF020T_18 Datasheet
401Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP040C BEREX-BCP040C_18 Datasheet
329Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T Datasheet
358Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080T BEREX-BCP080T_15 Datasheet
432Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160C BEREX-BCP160C Datasheet
373Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com