Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5160IS-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5160IS-T7
Description  200MHz Low-Power Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5160IS-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5160IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 10Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 11Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 12Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 13Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 14Page - Intersil Corporation EL5160IS-T7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7387.8
September 8, 2005
MSOP Package Outline Drawing
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
500
250
250
500
500
VOUT+
VIN
0.1µF
0.1µF
+5V
-5V
VOUT-
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
500
500
500
VOUT
0.1µF
0.1µF
+5V
-5V
500
1k
1k
240
0.1µF
0.1µF
RECEIVER
TRANSMITTER
FIGURE 23. DIFFERENTIAL LINE DRIVER/RECEIVER
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5160IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160IS-T7 INTERSIL-EL5160IS-T7 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5160IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com