Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2228CYZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2228CYZ-T13
Description  Dual Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CYZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2228CYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 9Page - Intersil Corporation EL2228CYZ-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Pin Descriptions
8-PIN MSOP
8-PIN SO
PIN NAME
PIN
FUNCTION
EQUIVALENT CIRCUIT
1
1
VOUTA
Output
VOUT
VS+
CIRCUIT 1
2
2
VINA-
Input
VIN-
VIN+
VS+
VS-
CIRCUIT 2
3
3
VINA+
Input
Reference Circuit 2
4
4
VS-
Supply
5
5
VINB+
Input
6
6
VINB-
Input
Reference Circuit 2
7
7
VOUTB
Output
Reference Circuit 1
8
8
VS+
Supply
9
Applications Information
Product Description
The EL2228 is a dual voltage feedback operational amplifier
designed especially for DMT ADSL and other applications
requiring very low voltage and current noise. It also features
low distortion while drawing moderately low supply current
and is built on Elantec's proprietary high-speed
complementary bipolar process. The EL2228 uses a
classical voltage-feedback topology which allows them to be
used in a variety of applications where current-feedback
amplifiers are not appropriate because of restrictions placed
upon the feedback element used with the amplifier. The
conventional topology of the EL2228 allows, for example, a
capacitor to be placed in the feedback path, making it an
excellent choice for applications such as active filters,
sample-and-holds, or integrators.
Single-Supply Operation
The EL2228 was designed to have a wide input and output
voltage range. This design also makes the EL2228 an
excellent choice for single-supply operation. Using a single
positive supply, the lower input voltage range is within
300mV of ground (RL = 500Ω), and the lower output voltage
range is within 875mV of ground. Upper input voltage range
reaches 3.6V, and output voltage range reaches 3.8V with a
5V supply and RL = 500Ω. This results in a 2.625V output
swing on a single 5V supply. This wide output voltage range
also allows single-supply operation with a supply voltage as
high as 28V.
Gain-Bandwidth Product and the -3dB Bandwidth
The EL2228 has a gain-bandwidth product of 40MHz while
using only 5mA of supply current per amplifier. For gains
greater than 1, their closed-loop -3dB bandwidth is
approximately equal to the gain-bandwidth product divided
by the noise gain of the circuit. For gains of 1, higher-order
poles in the amplifiers' transfer function contribute to even
higher closed loop bandwidths. For example, the EL2228
have a -3dB bandwidth of 80MHz at a gain of 1, dropping to
9MHz at a gain of 5. It is important to note that the EL2228 is
designed so that this “extra” bandwidth in low-gain
EL2228


Similar Part No. - EL2228CYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2228CYZ-T13 INTERSIL-EL2228CYZ-T13 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228CYZ-T13 RENESAS-EL2228CYZ-T13 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results

Similar Description - EL2228CYZ-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com