Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5221CW-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5221CW-T13
Description  Dual 12MHz Rail-to-Rail Input-Output Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5221CW-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5221CW-T13 Datasheet HTML 1Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 2Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 3Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 4Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 5Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 6Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 7Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 8Page - Intersil Corporation EL5221CW-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7187.1
EL5221
Dual 12MHz Rail-to-Rail Input-Output
Buffer
The EL5221 is a dual, low power, high voltage rail-to-rail
input-output buffer. Operating on supplies ranging from 5V to
15V, while consuming only 500µA per channel, the EL5221
has a bandwidth of 12MHz -(-3dB). The EL5221 also
provides rail-to-rail input and output ability, giving the
maximum dynamic range at any supply voltage.
The EL5221 also features fast slewing and settling times, as
well as a high output drive capability of 30mA (sink and
source). These features make the EL5221 ideal for use as
voltage reference buffers in Thin Film Transistor Liquid
Crystal Displays (TFT-LCD). Other applications include
battery power, portable devices, and anywhere low power
consumption is important.
The EL5221 is available in space-saving 6-pin SOT-23 and
8-pin MSOP packages and operates over a temperature
range of -40°C to +85°C.
Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation
Pb-Free plus anneal available (RoHS compliant)
Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal Digital Assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffer
Pinouts
EL5221
(6-PIN SOT-23)
TOP VIEW
EL5221
(8-PIN MSOP)
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5221CW-T7
6-Pin SOT-23*
7” (3K pcs)
MDP0038
EL5221CW-T7A
6-Pin SOT-23*
7” (250 pcs)
MDP0038
EL5221CWZ-T7
(See Note)
6-Pin SOT-23*
(Pb-free)
7” (3K pcs)
MDP0038
EL5221CWZ-T7A
(See Note)
6-Pin SOT-23*
(Pb-free)
7” (250 pcs)
MDP0038
EL5221CY
8-Pin MSOP
-
MDP0043
EL5221CY-T7
8-Pin MSOP
7”
MDP0043
EL5221CY-T13
8-Pin MSOP
13”
MDP0043
EL5221CYZ
(See Note)
8-Pin MSOP
(Pb-free)
-
MDP0043
EL5221CYZ-T7
(See Note)
8-Pin MSOP
(Pb-free)
7”
MDP0043
EL5221CYZ-T13
(See Note)
8-Pin MSOP
(Pb-free)
13”
MDP0043
*EL5221CW symbol is .Mxxx where xxx represents date code
.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VINA
VS-
VINB
1
2
3
6
5
4
VOUTA
VOUTB
VS+
VS+
NC
VOUTB
1
2
3
4
8
7
6
5
VOUTA
NC
VINA
VINB
VS-
Data Sheet
August 2, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5221CW-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221CW-T13 ELANTEC-EL5221CW-T13 Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5221CW-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com