Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5260 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5260
Description  200MHz Low-Power Current Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5260 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5260 Datasheet HTML 5Page - Intersil Corporation EL5260 Datasheet HTML 6Page - Intersil Corporation EL5260 Datasheet HTML 7Page - Intersil Corporation EL5260 Datasheet HTML 8Page - Intersil Corporation EL5260 Datasheet HTML 9Page - Intersil Corporation EL5260 Datasheet HTML 10Page - Intersil Corporation EL5260 Datasheet HTML 11Page - Intersil Corporation EL5260 Datasheet HTML 12Page - Intersil Corporation EL5260 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7387.8
September 8, 2005
Disable/Power-Down
The EL5160 amplifier can be disabled placing its output in a
high impedance state. When disabled, the amplifier supply
current is reduced to < 15µA. The EL5160 is disabled when
its CE pin is pulled up to within 1V of the positive supply.
Similarly, the amplifier is enabled by floating or pulling its CE
pin to at least 3V below the positive supply. For ±5V supply,
this means that an EL5160 amplifier will be enabled when
CE is 2V or less, and disabled when CE is above 4V.
Although the logic levels are not standard TTL, this choice of
logic voltages allows the EL5160 to be enabled by tying CE
to ground, even in 5V single supply applications. The CE pin
can be driven from CMOS outputs.
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage- or current-feedback
amplifier can be affected by stray capacitance at the
inverting input. For inverting gains, this parasitic capacitance
has little effect because the inverting input is a virtual
ground, but for non-inverting gains, this capacitance (in
conjunction with the feedback and gain resistors) creates a
pole in the feedback path of the amplifier. This pole, if low
enough in frequency, has the same destabilizing effect as a
zero in the forward open-loop response. The use of large-
value feedback and gain resistors exacerbates the problem
by further lowering the pole frequency (increasing the
possibility of oscillation.)
The EL5160, EL5161, EL5260, EL5261, and EL5360 have
been optimized with a TBD
Ω feedback resistor. With the high
bandwidth of these amplifiers, these resistor values might
cause stability problems when combined with parasitic
capacitance, thus ground plane is not recommended around
the inverting input pin of the amplifier.
Feedback Resistor Values
The EL5160, EL5161, EL5260, EL5261, and EL5360 have
been designed and specified at a gain of +2 with RF
approximately 806
Ω. This value of feedback resistor gives
200MHz of -3dB bandwidth at AV = 2 with TBDdB of
peaking. With AV = -2, an RF of approximately TBDΩ gives
200MHz of bandwidth with 1dB of peaking. Since the
EL5160, EL5161, EL5260, EL5261, and EL5360 are current-
feedback amplifiers, it is also possible to change the value of
RF to get more bandwidth. As seen in the curve of
Frequency Response for Various RF and RG, bandwidth and
peaking can be easily modified by varying the value of the
feedback resistor.
Because the EL5160, EL5161, EL5260, EL5261, and
EL5360 are current-feedback amplifiers, their gain-
bandwidth product is not a constant for different closed-loop
gains. This feature actually allows the EL5160, EL5161,
EL5260, EL5261, and EL5360 to maintain about the same -
3dB bandwidth. As gain is increased, bandwidth decreases
slightly while stability increases. Since the loop stability is
improving with higher closed-loop gains, it becomes possible
to reduce the value of RF below the specified TBDΩ and still
retain stability, resulting in only a slight loss of bandwidth
with increased closed-loop gain.
Supply Voltage Range and Single-Supply
Operation
The EL5160, EL5161, EL5260, EL5261, and EL5360 have
been designed to operate with supply voltages having a
span of greater than 5V and less than 10V. In practical
terms, this means that they will operate on dual supplies
ranging from ±2.5V to ±5V. With single-supply, the EL5160,
EL5161, EL5260, EL5261, and EL5360 will operate from 5V
to 10V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that
can get as close as possible to the supply voltages. The
EL5160, EL5161, EL5260, EL5261, and EL5360 have an
input range which extends to within 2V of either supply. So,
for example, on +5V supplies, the EL5160, EL5161, EL5260,
EL5261, and EL5360 have an input range which spans ±3V.
The output range of the EL5160, EL5161, EL5260, EL5261,
and EL5360 is also quite large, extending to within 1V of the
supply rail. On a ±5V supply, the output is therefore capable
of swinging from -4V to +4V. Single-supply output range is
larger because of the increased negative swing due to the
external pull-down resistor to ground.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because of the change in output current with DC
level. Previously, good differential gain could only be
achieved by running high idle currents through the output
transistors (to reduce variations in output impedance.)
These currents were typically comparable to the entire 1mA
supply current of each EL5160, EL5161, EL5260, EL5261,
and EL5360 amplifier. Special circuitry has been
incorporated in the EL5160, EL5161, EL5260, EL5261, and
EL5360 to reduce the variation of output impedance with
current output. This results in dG and dP specifications of
0.1% and 0.1°, while driving 150
Ω at a gain of 2.
Video performance has also been measured with a 500
load at a gain of +1. Under these conditions, the EL5160 has
dG and dP specifications of 0.1% and 0.1°.
Output Drive Capability
In spite of their low 1mA of supply current, the EL5160,
EL5161, EL5260, EL5261, and EL5360 are capable of
providing a minimum of ±50mA of output current. With a
minimum of ±50mA of output drive, the EL5160 is capable of
driving 50
Ω loads to both rails, making it an excellent choice
for driving isolation transformers in telecommunications
applications.
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5260 INTERSIL-EL5260 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5260 RENESAS-EL5260 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Intersil Corporation
EL5260IY INTERSIL-EL5260IY Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5260IY-T13 INTERSIL-EL5260IY-T13 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5260IY-T7 INTERSIL-EL5260IY-T7 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com