Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2228CY-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2228CY-T7
Description  Dual Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CY-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2228CY-T7 Datasheet HTML 2Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 3Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 4Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 5Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 6Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 7Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 8Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 9Page - Intersil Corporation EL2228CY-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
application does not come at the expense of stability. As
seen in the typical performance curves, the EL2228 in a gain
of only 1 exhibited 0.5dB of peaking with a 500
Ω load.
Output Drive Capability
The EL2228 is designed to drive a low impedance load. It
can easily drive 6VP-P signal into a 500Ω load. This high
output drive capability makes the EL2228 an ideal choice for
RF, IF, and video applications. Furthermore, the EL2228 is
current-limited at the output, allowing it to withstand
momentary short to ground. However, the power dissipation
with output-shorted cannot exceed the power dissipation
capability of the package.
Driving Cables and Capacitive Loads
Although the EL2228 is designed to drive low impedance
load, capacitive loads will decreases the amplifier's phase
margin. As shown in the performance curves, capacitive load
can result in peaking, overshoot and possible oscillation. For
optimum AC performance, capacitive loads should be
reduced as much as possible or isolated with a series
resistor between 5
Ω to 20Ω. When driving coaxial cables,
double termination is always recommended for reflection-
free performance. When properly terminated, the
capacitance of the coaxial cable will not add to the capacitive
load seen by the amplifier.
Power Dissipation
With the wide power supply range and large output drive
capability of the EL2228, it is possible to exceed the 150°C
maximum junction temperatures under certain load and
power-supply conditions. It is therefore important to calculate
the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified for the
EL2228 to remain in the safe operating area. These
parameters are related as follows:
T
JMAX
T
MAX
θ
JAxPDMAXTOTAL
()
+
=
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated as follows:
PD
MAX
2*V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Supply voltage
•IMAX = Maximum supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high frequency devices, good printed circuit
board layout is essential for optimum performance. Ground
plane construction is highly recommended. Pin lengths
should be kept as short as possible. The power supply pins
must be closely bypassed to reduce the risk of oscillation.
The combination of a 4.7µF tantalum capacitor in parallel
with 0.1µF ceramic capacitor has been proven to work well
when placed at each supply pin. For single supply operation,
where pin 4 (VS-) is connected to the ground plane, a single
4.7µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor across pin 8 (VS+).
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction again should
be used. Small chip resistors are recommended to minimize
series inductance. Use of sockets should be avoided since
they add parasitic inductance and capacitance which will
result in additional peaking and overshoot.
EL2228


Similar Part No. - EL2228CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228CY-T7 ELANTEC-EL2228CY-T7 Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228CY-T7 INTERSIL-EL2228CY-T7 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228CY-T7 RENESAS-EL2228CY-T7 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results

Similar Description - EL2228CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com