Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8662Q09BGD-200 Datasheet(PDF) 2 Page - GSI Technology

Part # GS8662Q09BGD-200
Description  72Mb SigmaQuad-IITM Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662Q09BGD-200 Datasheet(HTML) 2 Page - GSI Technology

  GS8662Q09BGD-200 Datasheet HTML 1Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 2Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 3Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 4Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 5Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 6Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 7Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 8Page - GSI Technology GS8662Q09BGD-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2M x 36 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NA/SA
(288Mb)
SA
W
BW2
K
BW1
R
SA
NC/SA
(144Mb)
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35.
2. A2 and A10 are the expansion addresses.
GS8662Q08/09/18/36BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02d 8/2017
2/34
© 2011, GSI Technology


Similar Part No. - GS8662Q09BGD-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662Q09E-167 GSI-GS8662Q09E-167 Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q09E-167I GSI-GS8662Q09E-167I Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q09E-200 GSI-GS8662Q09E-200 Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q09E-200I GSI-GS8662Q09E-200I Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
GS8662Q09E-250 GSI-GS8662Q09E-250 Datasheet
1Mb / 35P
   72Mb SigmaQuad-II Burst of 2 SRAM
More results

Similar Description - GS8662Q09BGD-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662Q08BD-333I GSI-GS8662Q08BD-333I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q18BD-300 GSI-GS8662Q18BD-300 Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q36BGD-300I GSI-GS8662Q36BGD-300I Datasheet
677Kb / 34P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662Q18BD-300M GSI-GS8662Q18BD-300M Datasheet
513Kb / 32P
   72Mb SigmaQuad-IITM Burst of 2 SRAM
GS8662D36BD-333 GSI-GS8662D36BD-333 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D08BD-400 GSI-GS8662D08BD-400 Datasheet
579Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com