Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5614I-H1G Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC5614I-H1G
Description  High Performance Rail-to-Rail Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5614I-H1G Datasheet(HTML) 7 Page - E-CMOS Corporation

  EC5614I-H1G Datasheet HTML 1Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 2Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 3Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 4Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 5Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 6Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 7Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 8Page - E-CMOS Corporation EC5614I-H1G Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
High Performance Rail-to-Rail
EC5614
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 9
4J24N Rev.F001
2
1
TSSOP (Thin-Shrink Small Outline Package, Exposed Pad)
VARIATIONS (ALL DIMENSIONS SHOWN IN MM)
SYMBOLS
MIN.
NOM.
MAX.
A
-
-
1.20
A1
STANDARD
0.05
-
0.15
THERMALLY ENHANCED
0.00
-
0.15
A2
0.80
1.00
1.05
b
0.19
-
0.30
D
4.90
5.00
5.10
D1
1.92
2.23
2.54
E2
1.67
1.98
2.29
E1
4.30
4.40
4.50
E
6.40 BSC
e
0.65 BSC
L1
1.00 BSC
L
0.50
0.60
0.75
S
0.20
-
-
θ
-
NOTES:
1.
JEDEC OUTUNE
STANDARD: MO-153 AB-1
THERMALLY ENHANCED: MO-153 ABT-1
2.
DIMENSION ‘D’DOES NGAOT INCLUDE MOLD FLASH. PROTRUSION OR GATE BURRS. MOLD FLASH. PROTRUSIONS OR
GADE BURRS SHALL NOT EXCEED 0.15 PER SIDE.
3.
DIMENSION ‘E1’ DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.25 PER SIDE.
4.
DIMENSION ‘B’ DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08MM
TOTAL IN EXCESS OF T
HE ‘B’ DIMENSION AT MAXIMUM
MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THELOWER RADIUS OF THE FOOT. MNMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD IS 0.07 MM.
5.
DIMENSIONS ‘D’ AND ‘E1’ TO BE BETERMNED AT DATUM PLANEE


Similar Part No. - EC5614I-H1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5611B2-G E-CMOS-EC5611B2-G Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5611B3-G E-CMOS-EC5611B3-G Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5611I-G E-CMOS-EC5611I-G Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5611T2-G E-CMOS-EC5611T2-G Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
More results

Similar Description - EC5614I-H1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
   18V High Performance Rail-to-Rail Quad Operational Amplifiers
EC5612 E-CMOS-EC5612 Datasheet
910Kb / 11P
   High Performance Rail-to-Rail Dual Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com