Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5721 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC5721
Description  1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5721 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC5721 Datasheet HTML 2Page - E-CMOS Corporation EC5721 Datasheet HTML 3Page - E-CMOS Corporation EC5721 Datasheet HTML 4Page - E-CMOS Corporation EC5721 Datasheet HTML 5Page - E-CMOS Corporation EC5721 Datasheet HTML 6Page - E-CMOS Corporation EC5721 Datasheet HTML 7Page - E-CMOS Corporation EC5721 Datasheet HTML 8Page - E-CMOS Corporation EC5721 Datasheet HTML 9Page - E-CMOS Corporation EC5721 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5721
E-CMOS Corp. (www.ecmos.com.tw)
3L23N-Rev.P001
Page 6 of 13
Low Pass Active Filter
The low pass active filter is shown in Figure 8. The DC gain is defined by
–R2/R1. The filter has a -20dB/decade roll-
off after
its corner frequency ƒ
C=1/(2πR3C1).
Figure 8. Low Pass Active Filter
Sallen-Key 2nd Order Active Low-Pass Filter
EC5721 can be used to form a 2nd order Sallen-Key active low-pass filter as shown in Figure 9. The transfer
function from VIN to VOUT is given by
Where the DC gain is defined by ALP=1+R3/R4, and the corner frequency is given by
The pole quality factor is given by
Let R1=R2=R and C1=C2=C, the corner frequency and the pole quality factor can be simplified as below
And Q=2-R3/R4


Similar Part No. - EC5721

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5724NNE1R E-CMOS-EC5724NNE1R Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5724NNM1R E-CMOS-EC5724NNM1R Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
More results

Similar Description - EC5721

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
   10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
logo
E-CMOS Corporation
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com