Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC5604 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5604
Description  18V High Performance Rail-to-Rail Quad Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5604 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5604 Datasheet HTML 1Page - E-CMOS Corporation EC5604 Datasheet HTML 2Page - E-CMOS Corporation EC5604 Datasheet HTML 3Page - E-CMOS Corporation EC5604 Datasheet HTML 4Page - E-CMOS Corporation EC5604 Datasheet HTML 5Page - E-CMOS Corporation EC5604 Datasheet HTML 6Page - E-CMOS Corporation EC5604 Datasheet HTML 7Page - E-CMOS Corporation EC5604 Datasheet HTML 8Page - E-CMOS Corporation EC5604 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
18V High Performance Rail-to-Rail
EC5604
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 10
2010/12/27
FEATURES
• Wide Supply Voltage Range 6V to 20V
• Input range 500mV beyond the rails
• Rail-to-Rail Output Swing
• Large DC Voltage Gain 90dB (Typical)
• High slew rate 40V/μs
• Protection Function
• Over Temperature Protection (OTP)
• Over Current Protection (OCP)
• -3dB Bandwidth (unit gain) 30MHz
• ±350mA Output Short Circuit Current
• Unity-gain stable
• Ultra-small Package TSSOP-14
APPLICATIONS
• TFT-LCD Reference Driver
• Touch-Screen Display
• Wireless LANs
• Personal Communication Devices
• Direct Access Arrangement
• Personal Digital Assistant (PDA)
• Active Filter
• Sampling ADC Amplifier
• ADC/DAC Buffer
• Electronic Notebook
• Office Automation
GENERAL DESCRIPTION
The EC5604 is a 100mA output current rail-to-rail
quad channels operational amplifier with wide supply
range from 6V to 18V while consumes only 2.0mA
per channel. It provides 0.5V beyond the supply rails
of common mode input range and capability of
rail-to-rail output swing as well. This enables the
amplifier to offer maximum dynamic range at any
supply voltage among many applications. A 20MHz
gain bandwidth product allows EC5604 to perform
more
stable
than
other
devices
in
Internet
applications.
With features of 40V/μs high slew rate and 500ns of
fast settling time, as well as 100mA (sink and
source) of high output driving capability, the
EC5604 is ideal for the requirements of flat panel
Thin
Film
Transistor
Liquid
Crystal
Displays
(TFT-LCD) panel reference buffers application. Due
to insensitive to power supply variation, EC5604
offers flexibility of use in multitude of applications
such as battery power, portable devices and
anywhere low power consumption is concerned.
With standard operational amplifier pin assignment,
the EC5604 is offered in space saving 14-Pin
TSSOP package and specified over the -40°C to
+85°C temperature range.
PIN ASSIGNMENT
1
2
3
4
1 4
1 3
1 2
1 1
-
+
+
-
V s+
V
IN D -
V
O U T A
V
O U T D
V
I N A -
V
I N A +
V
IN D +
V
S
-
5
6
7
V
I N B +
V
I N B -
V
O U T B
1 0
9
8
V
IN C -
V
IN C +
V
O U T C
-
+
+
-
TSSOP-14


Similar Part No. - EC5604

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601B2-G E-CMOS-EC5601B2-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601B3-G E-CMOS-EC5601B3-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601I-G E-CMOS-EC5601I-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601T2-G E-CMOS-EC5601T2-G Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
More results

Similar Description - EC5604

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
EC5612 E-CMOS-EC5612 Datasheet
910Kb / 11P
   High Performance Rail-to-Rail Dual Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
   Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com