Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3292B Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC3292B
Description  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3292B Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC3292B Datasheet HTML 3Page - E-CMOS Corporation EC3292B Datasheet HTML 4Page - E-CMOS Corporation EC3292B Datasheet HTML 5Page - E-CMOS Corporation EC3292B Datasheet HTML 6Page - E-CMOS Corporation EC3292B Datasheet HTML 7Page - E-CMOS Corporation EC3292B Datasheet HTML 8Page - E-CMOS Corporation EC3292B Datasheet HTML 9Page - E-CMOS Corporation EC3292B Datasheet HTML 10Page - E-CMOS Corporation EC3292B Datasheet HTML 11Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
18V/2A High Efficiency Synchronous Rectified
Step-Down DC/DC Converter
EC3292B
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 14
5B16N-Rev.F001
Detailed Description
The part is a current mode PWM synchronous step-down converter with a constant switching frequency. It regulates the
input voltage from 4.5V to 18V and a low output voltage of 0.6V.The supplied load current is up to 2A.
Power Saving Mode
The switching losses resulted from the Miller capacitance of the MOSFET are the dominant power dissipation parameters at
light load. The power saving mode at light load can minimize the switching loss by reducing the switching frequency.
Therefore, the part is designed as the power saving mode for high efficiency at light load.
Oscillator Frequency
Slope compensated current mode PWM control provides not only stable switching and cycle-by-cycle current limit for
superior load and line response but also protection of the internal main switch and synchronous rectifier. The part switches
at a constant frequency (500KHz) and regulates the output voltage. The PWM comparator modulates the power transferred
to the load by changing the inductor’s peak current based on the feedback error voltage during each cycle. The main switch
is turned on for a certain period to ramp the inductor’s current at each rising edge of the internal oscillator under normal
operation whereas off when the inductor’s peak current is above the error voltage. After the main switch is turned off, the
low side MOS will be turned on immediately and stay on until the next cycle starts.
Short Circuit Protection
The part provides short circuit protection. When the output is shorted to ground, the oscillator’s frequency is reduced to
prevent the inductor’s current from increasing beyond the NMOS current limit. The NMOS current limit is also reduced to
lower the short circuit current. The frequency and current limit will return to the normal values once the short circuit
condition is removed and the feedback voltage reaches 0.6V.
Maximum Load current
The part can operate down to 4.5V input voltage; however the maximum load current decreases at lower input due to large
IR voltage drop on the main switch and low side switch. The slope compensation signal reduces the inductor’s peak current
as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles greater than 50%.
Enable
The EN pin provides electrical on/off control of the regulator. Once the voltage of the EN pin exceeds the threshold voltage,
the regulator starts operation and the internal slow start begins to ramp. If the voltage of the EN pin is pulled below the
threshold, the regulator will stop switching and the internal slow start reset. If the EN pin is open, it will be pulled to high by
the internal circuit.


Similar Part No. - EC3292B

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
EC3292A E-CMOS-EC3292A Datasheet
293Kb / 10P
   2A, 18V, 500KHz, Synchronous StepDown DC/DC Converter
EC3292ANT3R E-CMOS-EC3292ANT3R Datasheet
293Kb / 10P
   2A, 18V, 500KHz, Synchronous StepDown DC/DC Converter
EC3292NNMHR E-CMOS-EC3292NNMHR Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
More results

Similar Description - EC3292B

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
   18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
   DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
   2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
   2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com