Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3284S Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC3284S
Description  3A 28V Synchronous Buck Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3284S Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC3284S Datasheet HTML 1Page - E-CMOS Corporation EC3284S Datasheet HTML 2Page - E-CMOS Corporation EC3284S Datasheet HTML 3Page - E-CMOS Corporation EC3284S Datasheet HTML 4Page - E-CMOS Corporation EC3284S Datasheet HTML 5Page - E-CMOS Corporation EC3284S Datasheet HTML 6Page - E-CMOS Corporation EC3284S Datasheet HTML 7Page - E-CMOS Corporation EC3284S Datasheet HTML 8Page - E-CMOS Corporation EC3284S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3A 28V Synchronous Buck
Converter
EC3284S
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 9
5F17N-Rev.F002
3
Typical Applications
EC3284S Circuit, 3.3V/3A output
EC3284S Circuit, 3.3V/3A output with EN function
Note: C2 is required for separate EN signal.


Similar Part No. - EC3284S

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
EC3284NNMHR E-CMOS-EC3284NNMHR Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
More results

Similar Description - EC3284S

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
   28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
   3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
   3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
   3A 27V Synchronous Buck Converter
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
   3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com