Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3202SNT2R Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3202SNT2R
Description  2A, 1.5MHz, Synchronous Step Down DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3202SNT2R Datasheet(HTML) 9 Page - E-CMOS Corporation

  EC3202SNT2R Datasheet HTML 1Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 2Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 3Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 4Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 5Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 6Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 7Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 8Page - E-CMOS Corporation EC3202SNT2R Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EC3202S
2A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
9/9
Package Information
TDFN 2x2-6L
SYMBOLS
DIMENSION (MM)
DIMENSION (INCH)
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
---
0.800
0.028
---
0.031
A1
0.000
---
0.050
0.000
---
0.002
A3
0.175
---
0.250
0.007
---
0.010
b
0.200
---
0.350
0.008
---
0.014
D
1.950
2.000
2.050
0.077
0.079
0.081
D2
1.000
---
1.450
0.039
---
0.057
E
1.950
2.000
2.050
0.077
0.079
0.081
E2
0.500
---
0.850
0.020
---
0.033
e
0.650
0.026
L
0.250
---
0.400
0.010
---
0.016
1
1
2
SEE DETAIL
A
DETAIL
A
D
E
D2
E2
L
e
b
A
A1
A3


Similar Part No. - EC3202SNT2R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3202C SANYO-EC3202C Datasheet
28Kb / 4P
   Muting Circuit Applications
More results

Similar Description - EC3202SNT2R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
   1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
   1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com