Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2596 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC2596
Description  3A 150KHz PWM Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2596 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC2596 Datasheet HTML 1Page - E-CMOS Corporation EC2596 Datasheet HTML 2Page - E-CMOS Corporation EC2596 Datasheet HTML 3Page - E-CMOS Corporation EC2596 Datasheet HTML 4Page - E-CMOS Corporation EC2596 Datasheet HTML 5Page - E-CMOS Corporation EC2596 Datasheet HTML 6Page - E-CMOS Corporation EC2596 Datasheet HTML 7Page - E-CMOS Corporation EC2596 Datasheet HTML 8Page - E-CMOS Corporation EC2596 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC2596
Ordering/ Marking Information
Package type
Part Number
Marking
Marking Information
TO220B-5L
EC2596XXXA1R
(XXX:Output Voltage)
EC2596
VVLLL
YYWWT
1.
VV is the Output Voltage
(33=3.3V;50=5.0V;AJ=Adjustable)
2.
LLL:last three number of lot no.
3.
YYWW:Date Code
4.
T:Internal tracking Code
TO263-5L
EC2596XXXAAR
(XXX:Output Voltage)
TO220-5L
EC2596XXXABR
(XXX:Output Voltage)
Function Block Diagram
Figure 3 Function Block Diagram of EC2596


Similar Part No. - EC2596

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC25 ECLIPTEK-EC25 Datasheet
147Kb / 2P
   OSCILLATOR
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EC25-A QUECTEL-EC25-A Datasheet
745Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EC25-AU QUECTEL-EC25-AU Datasheet
745Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EC25-AUT QUECTEL-EC25-AUT Datasheet
745Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
More results

Similar Description - EC2596

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com