Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC25C64NF2GR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC25C64NF2GR
Description  64Kbits SPI Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C64NF2GR Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC25C64NF2GR Datasheet HTML 1Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 2Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 3Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 4Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 5Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 6Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 7Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 8Page - E-CMOS Corporation EC25C64NF2GR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 16
5B11N-Rev.F001
EC25C64
64Kbits SPI Serial EEPROM
Pin Configuration
(SOP-8/TSSOP-8)
(DFN-8)
Pin Definition
Pin Descriptions
Chip Select (
)
The CS pin is used to enable or disable the device. Upon power-up, CS must follow the supply voltage. When
the device is ready for instruction input, this signal requires a High-to-Low transition. Once CS is stable at Low,
the device is enabled. Then the master and slave can communicate among each other through SCK, SI, and
SO pins. Upon completion of transmission, CS must be driven to High in order to stop the operation or start
the internal write operation. And the device will enter into standby mode, unless an internal write operation is in
progress. During this mode, SO becomes high impedance.
Serial Clock (SCK)
Under the SPI modes (0,0) and (1,1),this clock signal provides synchronization between the master and
EC25C64.Typically,Op-Codes,addresses and data are latched from SI at the rising edge of SCK, while data
from SO are clocked out at the falling edge of SCK.
Serial Data Input (SI)
Data Input pin.
Serial Data Output(SO)
Data output pin.
Write Protect (
)
This active Low input signal is utilized to initiate Hardware Write Protection mode. This mode prevents the
Block Protection bits and the WPEN bit in the Status Register from being modified. To activate the Hardware
Write Protection, WP must be Low simultaneously when WPEN is set to 1.
Hold (
)
This feature is used to suspend the device in the middle of a serial sequence and temporarily ignore further
communication on the bus (SI,SO,SCK).The HOLD signal transitions must occur only when SCK is Low and be
held stable during SCK transitions. Connecting HOLD to High disables this feature. Figure.8 shows Hold timing.
Pin No.
Pin Name
I/O
Definition
1
CS
I
Chip Select
2
SO
O
Serial Data Output
3
WP
I
Write Protect Input
4
GND
-
Ground
5
SI
I
Serial Data Input
6
SCK
I
Serial Clock
7
HOLD
I
Hold function
8
VCC
-
Supply Voltage


Similar Part No. - EC25C64NF2GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC25C256 E-CMOS-EC25C256 Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NE1GR E-CMOS-EC25C256NE1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NF2GR E-CMOS-EC25C256NF2GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C256NM1GR E-CMOS-EC25C256NM1GR Datasheet
989Kb / 18P
   256Kbits SPI Serial EEPROM
EC25C32 E-CMOS-EC25C32 Datasheet
826Kb / 16P
   32Kbits SPI Serial EEPROM
More results

Similar Description - EC25C64NF2GR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com