Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C512CF2GT Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC24C512CF2GT
Description  512K bits Two-wire Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C512CF2GT Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC24C512CF2GT Datasheet HTML 7Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 8Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 9Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 10Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 11Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 12Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 13Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 14Page - E-CMOS Corporation EC24C512CF2GT Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EC24C512C
512K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 16
5C26N-Rev.F001
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.5 to + 6.5
V
VP
Voltage on Any Pin
–0.5 to VCC + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Range
Ambient Temperature (TA)
VCC
Industrial
–40°C to +85°C
1.7V to 5.5V
Symbol
Parameter
[1,2]
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input / Output
Capacitance
VI/O = 0V
8
pF
Electrical Characteristics
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other condition outside those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Operating Range
Capacitance
Note: (1) Tested initially and after any design or process changes that may affect these parameters and not 100% tested.
(2) Test conditions: TA = 25°C, f = 1 MHz, VCC = 5.0V.


Similar Part No. - EC24C512CF2GT

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512A E-CMOS-EC24C512A Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AE1GX E-CMOS-EC24C512AE1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AM1GX E-CMOS-EC24C512AM1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AP1GX E-CMOS-EC24C512AP1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
More results

Similar Description - EC24C512CF2GT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
   MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
   128K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
   1024K bits Two-wire Serial EEPROM
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
ACE Technology Co., LTD...
ACE25GD512 ACE-ACE25GD512 Datasheet
182Kb / 3P
   SPI 512K Bits Serial EEPROM
VER 1.1
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
   MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
   MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
   MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com