Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C512BR1GR Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC24C512BR1GR
Description  512K bitsTwo-wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C512BR1GR Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC24C512BR1GR Datasheet HTML 5Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 6Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 7Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 8Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 9Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 10Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 11Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 12Page - E-CMOS Corporation EC24C512BR1GR Datasheet HTML 13Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EC24C512B
512K bitsTwo-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 13
4I09N-Rev.F001
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.5 to + 6.5
V
VP
Voltage on Any Pin
–0.5 to VCC + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Range
Ambient Temperature (TA)
VCC
Industrial
–40°C to +85°C
1.7V to 5.5V
Symbol
Parameter
[1,2]
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input / Output
Capacitance
VI/O = 0V
8
pF
Electrical Characteristics
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other condition outside those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Operating Range
Note: ECMOS offers Industrial grade for Commercial applications (0
C to +70C).
Capacitance
Note: (1) Tested initially and after any design or process changes that may affect these parameters and not 100% tested.
(2) Test conditions: TA = 25°C, f = 1 MHz, VCC = 5.0V.


Similar Part No. - EC24C512BR1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512A E-CMOS-EC24C512A Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AE1GX E-CMOS-EC24C512AE1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AM1GX E-CMOS-EC24C512AM1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512AP1GX E-CMOS-EC24C512AP1GX Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C512BR1GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512A E-CMOS-EC24C512A Datasheet
471Kb / 14P
   512K bitsTwo-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com