Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C512AE1GX Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC24C512AE1GX
Description  512K bitsTwo-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C512AE1GX Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC24C512AE1GX Datasheet HTML 1Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 2Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 3Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 4Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 5Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 6Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 7Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 8Page - E-CMOS Corporation EC24C512AE1GX Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EC24C512A
512K bitsTwo-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 14
4B12N-Rev.P001
Marking Information
Package type
Part Number
Marking
Marking Information
SOP-8
EC24C512AM1GX
24C512A
LLLLL
YYWWT
512 is the memory of production.
LLLLL is the last five numbers of wafer lot number
YYWW is Date Code.
T is tracking Code ,T=X
TSSOP-8
EC24C512AE1GX
PDIP-8
EC24C512AP1GX
Memory Organization
EC24C512A, 512K SERIAL EEPROM: Internally organized with 512 pages of 128 bytes each, the 512K
requires an 16-bit data word address for random word addressing.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the
SDA pin may change only during SCL low time periods (see to Figure1). Data changes during SCL high
periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede
any other command (see to Figure 2).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence,
the stop command will place the EEPROM in a standby power mode (see to Figure 2).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit
words. The EEPROM sends a "0" to acknowledge that it has received each word. This happens during the
ninth clock cycle
STANDBY MODE: The EC24C512A features a low-power standby mode which is enabled:
(a) upon power-up and (b) after the receipt of the STOP bit and the completion of any internal operations
MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire part can be reset
by following these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high.
3. Create a start condition.


Similar Part No. - EC24C512AE1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
EC24C512BR1GR E-CMOS-EC24C512BR1GR Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C512CE1GR E-CMOS-EC24C512CE1GR Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
EC24C512CE1GT E-CMOS-EC24C512CE1GT Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C512AE1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C512B E-CMOS-EC24C512B Datasheet
427Kb / 13P
   512K bitsTwo-wire Serial EEPROM
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
logo
Renesas Technology Corp
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM
logo
E-CMOS Corporation
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
   512K bits Two-wire Serial EEPROM
logo
Microchip Technology
24FC512-I MICROCHIP-24FC512-I Datasheet
702Kb / 36P
   512K I2C Serial EEPROM
01/05/10
24LC512TISM MICROCHIP-24LC512TISM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512I-SM MICROCHIP-24LC512I-SM Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
24LC512 MICROCHIP-24LC512 Datasheet
702Kb / 36P
   512K I2C??Serial EEPROM
2010
logo
ATMEL Corporation
AT24C512B ATMEL-AT24C512B_08 Datasheet
673Kb / 26P
   Two-wire Serial EEPROM 512K (65,536 x 8)
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com