Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24CXXXAM1GX Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC24CXXXAM1GX
Description  128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24CXXXAM1GX Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC24CXXXAM1GX Datasheet HTML 6Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 7Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 8Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 9Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 10Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 11Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 12Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 13Page - E-CMOS Corporation EC24CXXXAM1GX Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EC24C128A/256A
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 16
3I23N-Rev.F002
Electrical Characteristics
Absolute Maximum Stress Ratings
DC Supply Voltage ---------------------------------------------------------------------------------------- -0.3V to +6.5V
Input / Output Voltage ------------------------------------------------------------------------------------- GND-0.3V to VCC+0.3V
Operating Ambient Temperature ---------------------------------------------------------------------- -40°C to +85°C
Storage Temperature ------------------------------------------------------------------------------------- -65°C to +150°C
Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this device at these or any other conditions above those
indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
Applicable over recommended operating range from: TA = -40°C to +85°C , VCC = +1.7V to +5.5V
(unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VCC
1.7
-
5.5
V
Supply Current
VCC = 5.0V
ICC1
-
0.4
1.0
mA
READ at 400 kHz
Supply Current
VCC = 5.0V
ICC2
-
2.0
3.0
mA
WRITE at 400 kHz
Standby Current VCC = 1.7V
ISB1
-
0.6
1.0
μA
VIN = VCC or GND
Standby Current VCC = 2.5V
ISB2
-
1.0
2.0
μA
VIN = VCC or GND
Standby Current VCC = 2.7V
ISB3
-
1.0
2.0
μA
VIN = VCC or GND
Standby Current VCC = 5.0V
ISB4
-
2.0
5.0
μA
VIN = VCC or GND
Input Leakage Current
ILI
-
0.10
3.0
μA
VIN = VCC or GND
Output Leakage Current
ILO
-
0.05
3.0
μA
VOUT = VCC or GND
Input Low Level
VIL1
-0.3
-
VCCx0.3
V
VCC = 1.8V to 5.5V
Input High Level
VIH1
VCCx0.7
-
VCC+0.3
V
VCC = 1.8V to 5.5V
Input Low Level
VIL2
-0.3
-
VCCx0.2
V
VCC = 1.7V
Input High Level
VIH2
VCCx0.7
-
VCC+0.3
V
VCC = 1.7V
Output Low Level VCC =5.0V
VOL3
-
0.4
V
IOL = 3.0 mA
Output Low Level VCC =3.0V
VOL2
-
0.4
V
IOL = 2.1 mA
Output Low Level VCC =1.7V
VOL1
-
0.2
V
IOL = 0.15 mA
Pin Capacitance
Applicable over recommended operating range from TA = 25°C , f = 1.0 MHz, VCC = +1.7V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input/Output Capacitance (SDA)
CI/O
-
-
8
pF
VI/O = 0V
Input Capacitance (A0, A1, A2, SCL)
CIN
-
-
6
pF
VIN = 0V


Similar Part No. - EC24CXXXAM1GX

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24CXXANB2GX E-CMOS-EC24CXXANB2GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANE1GX E-CMOS-EC24CXXANE1GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANE1GX E-CMOS-EC24CXXANE1GX Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANF2GX E-CMOS-EC24CXXANF2GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
EC24CXXANM1GX E-CMOS-EC24CXXANM1GX Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - EC24CXXXAM1GX

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com