Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP180 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5KP180
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5KP180 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5KP180 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP180 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP180 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP180 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP180 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Case: JEDEC R-6/P-600 Molded Plastic
5KP SERIES
5KP SERIES
5000W TRANSIENT VOLTAGE SUPPRESSORS
Features
!
Glass Passivated Die Construction
!
5000W Peak Pulse Power Dissipation
!
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
D
Mechanical Data
!
!
Terminals: Axial Leads, Solderable per
MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
Weight: 2.10 grams (approx.)
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
5000 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
400
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
8.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 20mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
R-6/P-600
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.10
1.30
D
8.60
9.10
All Dimensions in mm
1 of 5
!
Lead Free: For RoHS / Lead Free Version
!
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
5.0V-190V Standoff Voltage
A
B
A
Alldatasheet


Similar Part No. - 5KP180

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
5KP180 BWTECH-5KP180 Datasheet
524Kb / 7P
   5000W Peak Pulse Power
logo
Dc Components
5KP180 DCCOM-5KP180 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP180 LUGUANG-5KP180 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP180 LUGUANG-5KP180 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
SUNMATE electronic Co.,...
5KP180 SUNMATE-5KP180 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results

Similar Description - 5KP180

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com