Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC24C64BNF2GR Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC24C64BNF2GR
Description  64K-bit 2-WIRE SERIAL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64BNF2GR Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC24C64BNF2GR Datasheet HTML 4Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 5Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 6Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 7Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 8Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 9Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 10Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 11Page - E-CMOS Corporation EC24C64BNF2GR Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EC24C64B
64K-bit 2-WIRE SERIAL EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 12
3H29N-Rev.F001
Electrical Characteristics
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Voltage on Any Pin with Respect to
Ground
-1.0V to +7.0V
Maximum Operating Voltage
6.25V
DC Output Current
5.0 mA
*NOTICE: Stresses beyond those listed under
“Absolute MaximumRatings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of this specification
are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics
Applicable over recommended operating range from: TA = -40°C to +85°C, VCC = +1.7V to +5.5V,
(unless otherwise noted).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
VCC
1.7
5.5
V
Supply Current VCC = 5.0V
ICC1
0.4
1.0
mA
READ at 400 kHz
Supply Current VCC = 5.0V
ICC2
2.0
3.0
mA
WRITE at 400 kHz
Standby Current VCC=1.7V
ISB1
1.0
μA
VIN = VCC or GND
Standby Current VCC=5.5V
ISB2
6.0
uA
VIN = VCC or GND
Input Leakage Current
ILI
0.1
3.0
μA
VIN = VCC or GND
Output Leakage Current
ILO
0.05
3.0
μA
VOUT = VCC or GND
Input Low Level
VIL
(1)
-0.6
VCC x 0.3
V
Input High Level
VIH
(1)
VCC x 0.7
VCC + 0.5
V
Output Low Level VCC =3.0V
VOL2
0.4
V
IOL = 2.1 mA
Output Low Level VCC =1.7V
VOL1
0.2
V
IOL = 0.15 mA
Note
(1):VIL min and VIH max are reference only and are not tested
Pin Capacitance
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, VCC = +1.7V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input/Output Capacitance (SDA)
CI/O
(2)
-
-
8
pF
VI/O = 0V
Input Capacitance (A0, A1, A2, SCL)
CIN
(2)
-
-
6
pF
VIN = 0V
Note(2):This parameter is characterized and is not 100% tested.


Similar Part No. - EC24C64BNF2GR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C64A E-CMOS-EC24C64A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CE1GR E-CMOS-EC24C64CE1GR Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CE1GT E-CMOS-EC24C64CE1GT Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
EC24C64CF2GR E-CMOS-EC24C64CF2GR Datasheet
590Kb / 17P
   64K bits Two-wire Serial EEPROM
More results

Similar Description - EC24C64BNF2GR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
logo
Fairchild Semiconductor
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com