Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1792DB Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DSD1792DB
Description  24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSD1792DB Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DSD1792DB Datasheet HTML 1Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 2Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 3Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 4Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 5Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 6Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 7Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 8Page - Burr-Brown (TI) DSD1792DB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DSD1792
SLES067A − MARCH 2003 − REVISED AUGUST 2003
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
OPERATION
TEMPERATURE RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
DSD1792DB
28-lead SSOP
28DB
−25
°C to 85°C
DSD1792
DSD1792DB
Tube
DSD1792DB
28-lead SSOP
28DB
−25
°C to 85°C
DSD1792
DSD1792DBR
Tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DSD1792
Supply voltage
VCC1, VCC2L, VCC2R
−0.3 V to 6.5 V
Supply voltage
VDD
−0.3 V to 4 V
Supply voltage differences: VCC1, VCC2L and VCC2R
±0.1 V
Ground voltage differences: AGND1, AGND2, AGND3L, AGND3R and DGND
±0.1 V
Digital input voltage
PLRCK, PDATA, PBCK, SCK, RST, MS(2), MDI, MC, DSDL(2), DSDR(2), DBCK
–0.3 V to 6.5 V
Digital input voltage
DSDL(3), DSDR(3), MS(3), MDO
–0.3 V to (VDD + 0.3 V) < 4 V
Analog input voltage
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
250
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Input mode
(3) Output mode
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless otherwise noted
PARAMETER
TEST CONDITIONS
DSD1792DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT (PCM Mode)
Audio data interface format
Standard, I2S, left justified
Audio data bit length
16-, 20-, 24-bit selectable
Audio data format
MSB first, 2s complement
fS
Sampling frequency
10
200
kHz
System clock frequency
128, 192, 256, 384, 512, 768 fS
DATA FORMAT (DSD Mode)
Audio data interface format
DSD (direct stream digital)
Audio data bit length
1 Bit
fS
Sampling frequency
2.8224
MHz
System clock frequency
2.8224
11.2896
MHz


Similar Part No. - DSD1792DB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1792DB BURR-BROWN-DSD1792DB Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1792DB TI1-DSD1792DB Datasheet
637Kb / 57P
[Old version datasheet]   24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
DSD1792DBG4 TI1-DSD1792DBG4 Datasheet
637Kb / 57P
[Old version datasheet]   24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
logo
Burr-Brown (TI)
DSD1792DBR BURR-BROWN-DSD1792DBR Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1792DBR TI1-DSD1792DBR Datasheet
637Kb / 57P
[Old version datasheet]   24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
More results

Similar Description - DSD1792DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1792 TI1-DSD1792_09 Datasheet
637Kb / 57P
[Old version datasheet]   24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com