Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP110 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5KP110
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5KP110 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5KP110 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP110 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP110 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP110 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP110 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5KP SERIES
2 of 5
5KP SERIES
1
10
100
200
100
1000
10,000
100,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
T = 25 C
j
°
Measured at
Zero Bias
Stand-Off
Voltage V
R
Measured at
0.1
1.0
10
100
1000
10,000
1.0
10
100
1000
T PULSE WIDTH ( s)
Fig. 3 Pulse Derating Curve
P,
µ
L = 9.5 mm
20x20x1mmCu
0
25
50
75
100 125 150 175 200
0
2.0
4.0
6.0
8.0
T , LEAD TEMPERATURE ( C)
Fig. 5 Steady State Power Derating
L
°
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value Ipp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
tp
t, TIME (ms)
Fig. 1 Pulse Waveform
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
10 X 1000 Waveform
as defind by REA
025
50
75 100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Pulse Derating Curve
A
°
Alldatasheet


Similar Part No. - 5KP110

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP110 SURGE-5KP110 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP110 LUGUANG-5KP110 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP110 BILIN-5KP110 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP110 LUGUANG-5KP110 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
DONGGUAN YOU FENG WEI E...
5KP110 YFWDIODE-5KP110 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP110

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com