Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMC400 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3.0SMC400
Description  6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3.0SMC400 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3.0SMC400 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC400 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC400 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC400 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC400 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig.2 Typical Total Capacitance
RWM
Measured at
zero bias
Uni-directional
Bi-directional
T= 25 C
j
°
f=1.0MHz
V
= 50 mV p-p
sig
0.1
1.0
0.1
10
100
1.0
10
1000
10000
T= 25 C
j
°
100
Non Repetitive
Pulse Waveform
ShowninFig.4
01
2
3
100
50
0
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 4 Pulse Waveform
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
10
200
100
2
10
5
NUMBER OF CYCLES AT 60Hz
Fig. 5, Maximum Non-Repetitive Surge Current
20
50
100
1
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
0.0
1.0
2.0
3.0
025
50
75
100
125
150
175
200
T , LEAD TEMPERATURE ( C)
Fig. 6 Steady State Power Derating Curve
L
°
4.0
5.0
60Hz Resistive or
Inductive Load
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
3.0SMC SERIES
3.0SMC SERIES
Alldatasheet


Similar Part No. - 3.0SMC400

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3.0SMC400 SUNMATE-3.0SMC400 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC400 LEIDITECH-3.0SMC400 Datasheet
396Kb / 3P
   Surface Mount TYS
logo
DONGGUAN YOU FENG WEI E...
3.0SMC400 YFWDIODE-3.0SMC400 Datasheet
325Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 3000Watts
logo
SUNMATE electronic Co.,...
3.0SMC400A SUNMATE-3.0SMC400A Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC400A LEIDITECH-3.0SMC400A Datasheet
396Kb / 3P
   Surface Mount TYS
More results

Similar Description - 3.0SMC400

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com