Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP58A Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5KP58A
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5KP58A Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5KP58A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP58A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP58A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP58A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP58A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5KP SERIES
4 of 5
5KP SERIES
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5KP22
5KP22C
22
24.4
30.9
1.0
39.4
126.9
5.0
5KP22A
5KP22CA
22
24.4
28.0
1.0
35.5
140.8
5.0
5KP24
5KP24C
24
26.7
33.8
1.0
43.0
116.3
5.0
5KP24A
5KP24CA
24
26.7
30.7
1.0
38.9
128.5
5.0
5KP26
5KP26C
26
28.9
36.6
1.0
46.6
107.3
5.0
5KP26A
5KP26CA
26
28.9
33.2
1.0
42.1
118.8
5.0
5KP28
5KP28C
28
31.1
39.4
1.0
50.0
100.0
5.0
5KP28A
5KP28CA
28
31.1
35.8
1.0
45.4
110.1
5.0
5KP30
5KP30C
30
33.3
42.2
1.0
53.5
93.5
5.0
5KP30A
5KP30CA
30
33.3
38.3
1.0
48.4
103.3
5.0
5KP33
5KP33C
33
36.7
46.5
1.0
59.0
84.7
5.0
5KP33A
5KP33CA
33
36.7
42.2
1.0
53.3
93.8
5.0
5KP36
5KP36C
36
40.0
50.7
1.0
64.3
77.8
5.0
5KP36A
5KP36CA
36
40.0
46.0
1.0
58.1
86.1
5.0
5KP40
5KP40C
40
44.4
56.3
1.0
71.4
70.0
5.0
5KP40A
5KP40CA
40
44.4
51.1
1.0
64.5
77.5
5.0
5KP43
5KP43C
43
47.8
60.5
1.0
76.7
65.2
5.0
5KP43A
5KP43CA
43
47.8
54.9
1.0
69.4
72.0
5.0
5KP45
5KP45C
45
50.0
63.3
1.0
80.3
62.3
5.0
5KP45A
5KP45CA
45
50.0
57.5
1.0
72.7
68.8
5.0
5KP48
5KP48C
48
53.3
67.5
1.0
85.5
58.5
5.0
5KP48A
5KP48CA
48
53.3
61.3
1.0
77.4
64.6
5.0
5KP51
5KP51C
51
56.7
71.8
1.0
91.1
54.9
5.0
5KP51A
5KP51CA
51
56.7
65.2
1.0
82.4
60.7
5.0
5KP54
5KP54C
54
60.0
76.0
1.0
96.3
51.9
5.0
5KP54A
5KP54CA
54
60.0
69.0
1.0
87.1
57.4
5.0
5KP58
5KP58C
58
64.4
81.6
1.0
103
48.5
5.0
5KP58A
5KP58CA
58
64.4
74.1
1.0
93.6
53.4
5.0
5KP60
5KP60C
60
66.7
84.5
1.0
107
46.7
5.0
5KP60A
5KP60CA
60
66.7
76.7
1.0
96.8
51.7
5.0
5KP64
5KP64C
64
71.1
90.1
1.0
114
43.9
5.0
5KP64A
5KP64CA
64
71.1
81.8
1.0
103
48.5
5.0
5KP70
5KP70C
70
77.8
98.6
1.0
125
40.0
5.0
5KP70A
5KP70CA
70
77.8
89.5
1.0
113
44.2
5.0
5KP75
5KP75C
75
83.0
105.7
1.0
134
37.3
5.0
5KP75A
5KP75CA
75
83.0
95.8
1.0
121
41.3
5.0
5KP78
5KP78C
78
86.0
109.8
1.0
139
36.0
5.0
5KP78A
5KP78CA
78
86.0
99.7
1.0
126
39.7
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Alldatasheet


Similar Part No. - 5KP58A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP58A SURGE-5KP58A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
StarHope
5KP58A SPSEMI-5KP58A Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
logo
Vishay Siliconix
5KP58A VISHAY-5KP58A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Pan Jit International I...
5KP58A PANJIT-5KP58A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP58A LEIDITECH-5KP58A Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
More results

Similar Description - 5KP58A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com