Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMC130 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3.0SMC130
Description  6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3.0SMC130 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3.0SMC130 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC130 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC130 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC130 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC130 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8
to 440Volts 3000W SMD TRANSIENT VOLTAGE SUPPRESSORS
3 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
3.0SMC SERIES
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3.0SMC6.8
3.0SMC6.8C
6V8
6V8C
5.50
6.12
7.48
10.0
10.8
277.8
1000.0
3.0SMC6.8A 3.0SMC6.8CA
6V8A
6V8CA
5.80
6.45
7.14
10.0
10.5
285.7
1000.0
3.0SMC7.5
3.0SMC7.5C
7V5
7V5C
6.05
6.75
8.25
10.0
11.7
256.4
500.0
3.0SMC7.5A 3.0SMC7.5CA
7V5A
7V5CA
6.40
7.13
7.88
10.0
11.3
265.5
500.0
3.0SMC8.2
3.0SMC8.2C
8V2
8V2C
6.63
7.38
9.02
10.0
12.5
240.0
200.0
3.0SMC8.2A 3.0SMC8.2CA
8V2A
8V2CA
7.02
7.79
8.61
10.0
12.1
247.9
200.0
3.0SMC9.1
3.0SMC9.1C
9V1
9V1C
7.37
8.19
10.0
1.0
13.8
217.4
50.0
3.0SMC9.1A 3.0SMC9.1CA
9V1A
9V1CA
7.78
8.65
9.55
1.0
13.4
223.9
50.0
3.0SMC10
3.0SMC10C
10
10C
8.10
9.00
11.0
1.0
15.0
200.0
10.0
3.0SMC10A
3.0SMC10CA
10A
10CA
8.55
9.50
10.5
1.0
14.5
206.9
10.0
3.0SMC11
3.0SMC11C
11
11C
8.92
9.90
12.1
1.0
16.2
185.2
5.0
3.0SMC11A
3.0SMC11CA
11A
11CA
9.40
10.5
11.6
1.0
15.6
192.3
5.0
3.0SMC12
3.0SMC12C
12
12C
9.72
10.8
13.2
1.0
17.3
173.4
5.0
3.0SMC12A
3.0SMC12CA
12A
12CA
10.2
11.4
12.6
1.0
16.7
179.6
5.0
3.0SMC13
3.0SMC13C
13
13C
10.5
11.7
14.3
1.0
19.0
157.9
5.0
3.0SMC13A
3.0SMC13CA
13A
13CA
11.1
12.4
13.7
1.0
18.2
164.8
5.0
3.0SMC15
3.0SMC15C
15
15C
12.1
13.5
16.5
1.0
22.0
136.4
5.0
3.0SMC15A
3.0SMC15CA
15A
15CA
12.8
14.3
15.8
1.0
21.2
141.5
5.0
3.0SMC16
3.0SMC16C
16
16C
12.9
14.4
17.6
1.0
23.5
127.7
5.0
3.0SMC16A
3.0SMC16CA
16A
16CA
13.6
15.2
16.8
1.0
22.5
133.3
5.0
3.0SMC18
3.0SMC18C
18
18C
14.5
16.2
19.8
1.0
26.5
113.2
5.0
3.0SMC18A
3.0SMC18CA
18A
18CA
15.3
17.1
18.9
1.0
25.2
119.0
5.0
3.0SMC20
3.0SMC20C
20
20C
16.2
18.0
22.0
1.0
29.1
103.1
5.0
3.0SMC20A
3.0SMC20CA
20A
20CA
17.1
19.0
21.0
1.0
27.7
108.3
5.0
3.0SMC SERIES
Alldatasheet


Similar Part No. - 3.0SMC130

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3.0SMC130 SUNMATE-3.0SMC130 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC130 LEIDITECH-3.0SMC130 Datasheet
396Kb / 3P
   Surface Mount TYS
logo
DONGGUAN YOU FENG WEI E...
3.0SMC130 YFWDIODE-3.0SMC130 Datasheet
325Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 3000Watts
logo
Ruilongyuan Electronics...
3.0SMC130A RUILON-3.0SMC130A Datasheet
882Kb / 7P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
3.0SMC130A SUNMATE-3.0SMC130A Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMC130

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com