Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMC110 Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3.0SMC110
Description  6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3.0SMC110 Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3.0SMC110 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC110 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC110 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC110 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC110 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
UNI/BI-DIRECTIONAL 6.8
to 440Volts 3000W SMD TRANSIENT VOLTAGE SUPPRESSORS
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3.0SMC SERIES
3.0SMC22
3.0SMC22C
22
22C
17.8
19.8
24.2
1.0
31.9
94.0
5.0
3.0SMC22A
3.0SMC22CA
22A
22CA
18.8
20.9
23.1
1.0
30.6
98.0
5.0
3.0SMC24
3.0SMC24C
24
24C
19.4
21.6
26.4
1.0
34.7
86.5
5.0
3.0SMC24A
3.0SMC24CA
24A
24CA
20.5
22.8
25.2
1.0
33.2
90.4
5.0
3.0SMC27
3.0SMC27C
27
27C
21.8
24.3
29.7
1.0
39.1
76.7
5.0
3.0SMC27A
3.0SMC27CA
27A
27CA
23.1
25.7
28.4
1.0
37.5
80.0
5.0
3.0SMC30
3.0SMC30C
30
30C
24.3
27.0
33.0
1.0
43.5
69.0
5.0
3.0SMC30A
3.0SMC30CA
30A
30CA
25.6
28.5
31.5
1.0
41.4
72.5
5.0
3.0SMC33
3.0SMC33C
33
33C
26.8
29.7
36.3
1.0
47.7
62.9
5.0
3.0SMC33A
3.0SMC33CA
33A
33CA
28.2
31.4
34.7
1.0
45.7
65.6
5.0
3.0SMC36
3.0SMC36C
36
36C
29.1
32.4
39.6
1.0
52.0
57.7
5.0
3.0SMC36A
3.0SMC36CA
36A
36CA
30.8
34.2
37.8
1.0
49.9
60.1
5.0
3.0SMC39
3.0SMC39C
39
39C
31.6
35.1
42.9
1.0
56.4
53.2
5.0
3.0SMC39A
3.0SMC39CA
39A
39CA
33.3
37.1
41.0
1.0
53.9
55.7
5.0
3.0SMC43
3.0SMC43C
43
43C
34.8
38.7
47.3
1.0
61.9
48.5
5.0
3.0SMC43A
3.0SMC43CA
43A
43CA
36.8
40.9
45.2
1.0
59.3
50.6
5.0
3.0SMC47
3.0SMC47C
47
47C
38.1
42.3
51.7
1.0
67.8
44.2
5.0
3.0SMC47A
3.0SMC47CA
47A
47CA
40.2
44.7
49.4
1.0
64.8
46.3
5.0
3.0SMC51
3.0SMC51C
51
51C
41.3
45.9
56.1
1.0
73.5
40.8
5.0
3.0SMC51A
3.0SMC51CA
51A
51CA
43.6
48.5
53.6
1.0
70.1
42.8
5.0
3.0SMC56
3.0SMC56C
56
56C
45.4
50.4
61.6
1.0
80.5
37.3
5.0
3.0SMC56A
3.0SMC56CA
56A
56CA
47.8
53.2
58.8
1.0
77.0
39.0
5.0
3.0SMC62
3.0SMC62C
62
62C
50.2
55.8
68.2
1.0
89.0
33.7
5.0
3.0SMC62A
3.0SMC62CA
62A
62CA
53.0
58.9
65.1
1.0
85.0
35.3
5.0
3.0SMC68
3.0SMC68C
68
68C
55.1
61.2
74.8
1.0
98.0
30.6
5.0
3.0SMC68A
3.0SMC68CA
68A
68CA
58.1
64.6
71.4
1.0
92.0
32.6
5.0
3.0SMC75
3.0SMC75C
75
75C
60.7
67.5
82.5
1.0
108
27.8
5.0
3.0SMC75A
3.0SMC75CA
75A
75CA
64.1
71.3
78.8
1.0
103
29.1
5.0
3.0SMC82
3.0SMC82C
82
82C
66.4
73.8
90.2
1.0
118
25.4
5.0
3.0SMC82A
3.0SMC82CA
82A
82CA
70.1
77.9
86.1
1.0
113
26.5
5.0
3.0SMC91
3.0SMC91C
91
91C
73.7
81.9
100
1.0
131
22.9
5.0
3.0SMC91A
3.0SMC91CA
91A
91CA
77.8
86.5
95.5
1.0
125
24.0
5.0
3.0SMC100
3.0SMC100C
100
100C
81.0
90.0
110
1.0
144
20.8
5.0
3.0SMC100A 3.0SMC100CA
100A
100CA
85.5
95.0
105
1.0
137
21.9
5.0
3.0SMC110
3.0SMC110C
110
110C
89.2
99.0
121
1.0
158
19.0
5.0
3.0SMC110A 3.0SMC110CA
110A
110CA
94.0
105
116
1.0
152
19.7
5.0
3.0SMC SERIES
Alldatasheet


Similar Part No. - 3.0SMC110

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3.0SMC110 SUNMATE-3.0SMC110 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC110 LEIDITECH-3.0SMC110 Datasheet
396Kb / 3P
   Surface Mount TYS
logo
DONGGUAN YOU FENG WEI E...
3.0SMC110 YFWDIODE-3.0SMC110 Datasheet
325Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 3000Watts
logo
Ruilongyuan Electronics...
3.0SMC110A RUILON-3.0SMC110A Datasheet
882Kb / 7P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
3.0SMC110A SUNMATE-3.0SMC110A Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMC110

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com