Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMC75 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3.0SMC75
Description  6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

3.0SMC75 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  3.0SMC75 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC75 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC75 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC75 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3.0SMC75 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3000 Minimum
W
Weight: 0.21 grams (approx.)
Case: SMC/DO-214AB Molded Plastic
Terminals:Solderable per
200
A
3.0SMC SERIES
Features
                            
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
1 of 5
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
Peak Forward Surge Current (Note 3)
IFSM
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
5.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 40mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
3.0SMC SERIES
!
Glass Passivated Die Construction
!
3000W Peak Pulse Power Dissipation
!
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Mechanical Data
!
!
MIL-STD-202, Method 208
!
Polarity: Cathode Band or Cathode Notch
!
Marking:
Unidirectional – Device Code and Cathode Band
Bidirectional – Device Code Only
!
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
6.8V-440V Standoff Voltage
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
SMC/DO-214AB
Alldatasheet


Similar Part No. - 3.0SMC75

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3.0SMC75 SUNMATE-3.0SMC75 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3.0SMC75 LEIDITECH-3.0SMC75 Datasheet
396Kb / 3P
   Surface Mount TYS
logo
DONGGUAN YOU FENG WEI E...
3.0SMC75 YFWDIODE-3.0SMC75 Datasheet
325Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 3000Watts
logo
Ruilongyuan Electronics...
3.0SMC75A RUILON-3.0SMC75A Datasheet
882Kb / 7P
   Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
3.0SMC75A SUNMATE-3.0SMC75A Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMC75

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com