Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP17A Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5KP17A
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5KP17A Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5KP17A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP17A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP17A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP17A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP17A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5KP SERIES
3 of 5
5KP SERIES
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5KP5.0
5KP5.0C
5.0
6.40
7.55
10
9.6
520.8
1000.0
5KP5.0A
5KP5.0CA
5.0
6.40
7.25
10
9.2
543.5
1000.0
5KP6.0
5KP6.0C
6.0
6.67
8.45
10
11.4
438.6
1000.0
5KP6.0A
5KP6.0CA
6.0
6.67
7.67
10
10.3
485.4
1000.0
5KP6.5
5KP6.5C
6.5
7.22
9.14
10
12.3
406.5
500.0
5KP6.5A
5KP6.5CA
6.5
7.22
8.30
10
11.2
446.4
500.0
5KP7.0
5KP7.0C
7.0
7.78
9.86
10
13.3
375.9
200.0
5KP7.0A
5KP7.0CA
7.0
7.78
8.95
10
12.0
416.7
200.0
5KP7.5
5KP7.5C
7.5
8.33
10.67
1.0
14.3
349.7
50.0
5KP7.5A
5KP7.5CA
7.5
8.33
9.58
1.0
12.9
387.6
50.0
5KP8.0
5KP8.0C
8.0
8.89
11.3
1.0
15.0
333.3
10.0
5KP8.0A
5KP8.0CA
8.0
8.89
10.23
1.0
13.6
367.6
10.0
5KP8.5
5KP8.5C
8.5
9.44
11.92
1.0
15.9
314.5
5.0
5KP8.5A
5KP8.5CA
8.5
9.44
10.82
1.0
14.4
347.2
5.0
5KP9.0
5KP9.0C
9.0
10.0
12.6
1.0
16.9
295.9
5.0
5KP9.0A
5KP9.0CA
9.0
10.0
11.5
1.0
15.4
324.7
5.0
5KP10
5KP10C
10
11.1
14.1
1.0
18.8
266.0
5.0
5KP10A
5KP10CA
10
11.1
12.8
1.0
17.0
294.1
5.0
5KP11
5KP11C
11
12.2
15.4
1.0
20.1
248.8
5.0
5KP11A
5KP11CA
11
12.2
14.0
1.0
18.2
274.7
5.0
5KP12
5KP12C
12
13.3
16.9
1.0
22.0
227.3
5.0
5KP12A
5KP12CA
12
13.3
15.3
1.0
19.9
251.3
5.0
5KP13
5KP13C
13
14.4
18.2
1.0
23.8
210.1
5.0
5KP13A
5KP13CA
13
14.4
16.5
1.0
21.5
232.6
5.0
5KP14
5KP14C
14
15.6
19.8
1.0
25.8
193.8
5.0
5KP14A
5KP14CA
14
15.6
17.9
1.0
23.2
215.5
5.0
5KP15
5KP15C
15
16.7
21.1
1.0
26.9
185.9
5.0
5KP15A
5KP15CA
15
16.7
19.2
1.0
24.4
204.9
5.0
5KP16
5KP16C
16
17.8
22.6
1.0
28.8
173.6
5.0
5KP16A
5KP16CA
16
17.8
20.5
1.0
26.0
192.3
5.0
5KP17
5KP17C
17
18.9
23.9
1.0
30.5
163.9
5.0
5KP17A
5KP17CA
17
18.9
21.7
1.0
27.6
181.2
5.0
5KP18
5KP18C
18
20.0
25.3
1.0
32.2
155.3
5.0
5KP18A
5KP18CA
18
20.0
23.3
1.0
29.2
171.2
5.0
5KP20
5KP20C
20
22.2
28.1
1.0
35.8
139.7
5.0
5KP20A
5KP20CA
20
22.2
25.5
1.0
32.4
154.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Alldatasheet


Similar Part No. - 5KP17A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP17A SURGE-5KP17A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Microdiode Electronics ...
5KP17A CHENDA-5KP17A Datasheet
838Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
5KP17A VISHAY-5KP17A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Won-Top Electronics
5KP17A WTE-5KP17A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP17A SECOS-5KP17A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP17A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com