Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP6.5 Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 5KP6.5
Description  5000W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

5KP6.5 Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  5KP6.5 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP6.5 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP6.5 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP6.5 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 5KP6.5 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5KP SERIES
5 of 5
5KP SERIES
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5KP85
5KP85C
85
94.0
119.2
1.0
151
33.1
5.0
5KP85A
5KP85CA
85
94.0
108.2
1.0
137
36.5
5.0
5KP90
5KP90C
90
100
126.5
1.0
160
31.3
5.0
5KP90A
5KP90CA
90
100
115.5
1.0
146
34.2
5.0
5KP100
5KP100C
100
111
141.0
1.0
179
27.9
5.0
5KP100A
5KP100CA
100
111
128.0
1.0
162
30.9
5.0
5KP110
5KP110C
110
122
154.5
1.0
196
25.5
5.0
5KP110A
5KP110CA
110
122
140.5
1.0
177
28.2
5.0
5KP120
5KP120C
120
133
169.0
1.0
214
23.4
5.0
5KP120A
5KP120CA
120
133
153.0
1.0
193
25.9
5.0
5KP130
5KP130C
130
144
182.5
1.0
231
21.6
5.0
5KP130A
5KP130CA
130
144
165.5
1.0
209
23.9
5.0
5KP150
5KP150C
150
167
211.5
1.0
268
18.7
5.0
5KP150A
5KP150CA
150
167
192.5
1.0
243
20.6
5.0
5KP160
5KP160C
160
178
226.0
1.0
287
17.4
5.0
5KP160A
5KP160CA
160
178
205.0
1.0
259
19.3
5.0
5KP170
5KP170C
170
189
239.5
1.0
304
16.4
5.0
5KP170A
5KP170CA
170
189
217.5
1.0
275
18.2
5.0
5KP180
5KP180C
180
200
253.8
1.0
321
15.6
5.0
5KP180A
5KP180CA
180
200
230.4
1.0
290
17.2
5.0
5KP190
5KP190C
190
211
267.9
1.0
339
14.7
5.0
5KP190A
5KP190CA
190
211
243.2
1.0
306
16.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
1.
A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which
should be equal to or greater than the DC or continuous peak operating voltage level.
2.
VBR measured at pulse test current IT at an ambient temperature of 25°C.
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Alldatasheet


Similar Part No. - 5KP6.5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP6.5 LUGUANG-5KP6.5 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP6.5 SURGE-5KP6.5 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Pan Jit International I...
5KP6.5 PANJIT-5KP6.5 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
GOOD-ARK Electronics
5KP6.5 GOOD-ARK-5KP6.5 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Socay Electornics Co., ...
5KP6.5 SOCAY-5KP6.5 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 5KP6.5

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5KP5.0 YFWDIODE-5KP5.0 Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
5.0SMDJ12A HUAXINAN-5.0SMDJ12A Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
5KP5.0A HUAXINAN-5KP5.0A_V01 Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Bytesonic Electronics C...
5.0SMDJ BYTESONIC-5.0SMDJ Datasheet
848Kb / 4P
   5000W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ-AT UNSEMI-5.0SMDJ-AT Datasheet
2Mb / 5P
   5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com