Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4750 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4750
Description  1W Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4750 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4750 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4750 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4750 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4750 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25 OC
Type
Zener Voltage
3)
Dynamic Resistance
1)
Reverse Current
Maximum Surge
Current
4)
Maximum
Regulator
Current
2)
VZnom
at lZT
ZZT
ZZK
at IZK
IR
at VR
at Ta = 25 OC
(V)
(mA)
Max. (
Ω)
Max. (
Ω)
(mA)
Max. (µA)
(V)
IZSM (mA)
IZM (mA)
1N4727
3
83
10
400
1
150
1
1375
275
1N4728
3.3
76
10
400
1
150
1
1375
275
1N4729
3.6
69
10
400
1
100
1
1260
252
1N4730
3.9
64
9
400
1
100
1
1190
234
1N4731
4.3
58
9
400
1
50
1
1070
217
1N4732
4.7
53
8
500
1
10
1
970
193
1N4733
5.1
49
7
550
1
10
1
890
178
1N4734
5.6
45
5
600
1
10
2
810
162
1N4735
6.2
41
2
700
1
10
3
730
146
1N4736
6.8
37
3.5
700
1
10
4
660
133
1N4737
7.5
34
4
700
0.5
10
5
605
121
1N4738
8.2
31
4.5
700
0.5
10
6
550
110
1N4739
9.1
28
5
700
0.5
10
7
500
100
1N4740
10
25
7
700
0.25
10
7.6
454
91
1N4741
11
23
8
700
0.25
5
8.4
414
83
1N4742
12
21
9
700
0.25
5
9.1
380
76
1N4743
13
19
10
700
0.25
5
9.9
344
69
1N4744
15
17
14
700
0.25
5
11.4
304
61
1N4745
16
15.5
16
700
0.25
5
12.2
285
57
1N4746
18
14
20
750
0.25
5
13.7
250
50
1N4747
20
12.5
22
750
0.25
5
15.2
225
45
1N4748
22
11.5
23
750
0.25
5
16.7
205
41
1N4749
24
10.5
25
750
0.25
5
18.2
190
38
1N4750
27
9.5
35
750
0.25
5
20.6
170
34
1N4751
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753
36
7
50
1000
0.25
5
27.4
125
25
1N4754
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755
43
6
70
1500
0.25
5
32.7
110
22
1N4756
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757
51
5
95
1500
0.25
5
38.8
90
18
1N4758
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759
62
4
125
2000
0.25
5
47.1
70
14
1N4760
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761
75
3.3
175
2000
0.25
5
56
60
12
1) The dynamic resistance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of
the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Dynamic resistance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses tp = 20 ms.
4) The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or
equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT.
Z ibo Seno Electronic Engineering Co., Ltd.
1N4727-1N4761
2 of 4
www.senocn.com
1N4727 - 1N4761
Alldatasheet


Similar Part No. - 1N4750

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4750 SURGE-1N4750 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4750 CHENDA-1N4750 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4750 JINANJINGHENG-1N4750 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4750 DIGITRON-1N4750 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4750 SEMTECH-1N4750 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4750

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N4729A ZSELEC-1N4729A Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com