Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C024-55JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C024-55JC
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C024-55JC Datasheet HTML 1Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 2Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 3Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 4Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 5Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 6Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 7Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 8Page - Cypress Semiconductor CY7C024-55JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 5 of 20
Maximum Ratings [6]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.3V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage[7]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
7C024/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
–0.7
0.8
–0.7
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage
Current
Output Disabled,
GND
≤ V
O ≤ VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max., IOUT = 0 mA,
Outputs Disabled
Com’l
190
300
170
250
mA
Ind
200
320
170
290
ISB1
Standby Current
(Both Ports TTL Lev-
els)
CEL and CER ≥ VIH,
f = fMAX
[8]
Com’l
50
70
40
60
mA
Ind
50
70
75
ISB2
Standby Current
(One Port TTL Level)
CEL or CER ≥ VIH,
f = fMAX
[8]
Com’l
120
180
100
150
mA
Ind
120
180
100
170
ISB3
Standby Current
(Both Ports CMOS
Levels)
Both Ports CE and CER
VCC – 0.2V, VIN ≥ VCC – 0.2V
or VIN ≤ 0.2V, f = 0
[8]
Com’l
3
15
3
15
mA
Ind
3
15
3
15
ISB4
Standby Current
(Both Ports CMOS
Levels)
One Port CEL or
CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V,
Active Port Outputs, f = fMAX
[8]
Com’l
110
160
90
130
mA
Ind
110
160
90
150
Notes:
6.
The Voltage on any input or sI/O pin cannot exceed the power pin during power-up
7.
Pulse width < 20 ns.
8.
fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.


Similar Part No. - CY7C024-55JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024-55JC CYPRESS-CY7C024-55JC Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55JC CYPRESS-CY7C024-55JC Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55JC CYPRESS-CY7C024-55JC Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024-55JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com