Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136VSL-55ZSI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62136VSL-55ZSI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136VSL-55ZSI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62136VSL-55ZSI Datasheet HTML 1Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 2Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 3Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 4Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 5Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 6Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 7Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 8Page - Cypress Semiconductor CY62136VSL-55ZSI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2-Mbit (128K x 16) Static RAM
CY62136V MoBL®
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05087 Rev. *B
Revised September 24, 2004
Features
• Temperature Ranges
— Commercial : 0°C to 70°C
— Industrial :
−40°C to 85°C
— Automotive :
−40°C to 125°C
• High speed: 55 ns and 70 ns
• 70-ns speed bin offered in both Industrial and
Automotive grades
• Wide voltage range: 2.7V-3.6V
• Ultra-low active, standby power
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Package available in a standard 44-pin TSOP Type II
(forward pinout) package
Functional Description[1]
The CY62136V is a high-performance CMOS static RAM
organized as 128K words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life
™ (MoBL®) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that significantly
reduces power consumption by 99% when addresses are not
toggling. The device can also be put into standby mode when
deselected (CE HIGH). The input/output pins (I/O0 through
I/O15) are placed in a high-impedance state when: deselected
(CE HIGH), outputs are disabled (OE HIGH), BHE and BLE
are disabled (BHE, BLE HIGH), or during a write operation (CE
LOW, and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the Truth Table at the back of this data sheet for a complete
description of read and write modes.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
128K x 16
RAM Array
I/O0 – I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
2048 x 1024
DATA IN DRIVERS
OE
A4
A3
I/O8 – I/O15
CE
WE
BLE
BHE
A0
A1
A9
A10


Similar Part No. - CY62136VSL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136V CYPRESS-CY62136V Datasheet
357Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62136VLL-55BAI CYPRESS-CY62136VLL-55BAI Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62136VLL-55BAI CYPRESS-CY62136VLL-55BAI Datasheet
357Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY62136VLL-55ZI CYPRESS-CY62136VLL-55ZI Datasheet
218Kb / 12P
   128K x 16 Static RAM
More results

Similar Description - CY62136VSL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com