Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC16A Datasheet(PDF) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1.5SMC16A
Description  6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1.5SMC16A Datasheet(HTML) 5 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1.5SMC16A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC16A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC16A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC16A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1.5SMC16A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
Notes:
1. Suffix C denotes Bi-directional device.
2.
VBR measured with IT current pulse = 300
ms.
3.
For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1.5SMC SERIES
1.5SMC SERIES
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
1.5SMC120
1.5SMC120C
120
120C
97.2
108
132
1.0
173
8.7
5.0
1.5SMC120A 1.5SMC120CA
120A
120CA
102
114
126
1.0
165
9.2
5.0
1.5SMC130
1.5SMC130C
130
130C
105
117
143
1.0
187
8.1
5.0
1.5SMC130A 1.5SMC130CA
130A
130CA
111
124
137
1.0
179
8.5
5.0
1.5SMC150
1.5SMC150C
150
150C
121
135
165
1.0
215
7.1
5.0
1.5SMC150A 1.5SMC150CA
150A
150CA
128
143
158
1.0
207
7.3
5.0
1.5SMC160
1.5SMC160C
160
160C
130
144
176
1.0
230
6.6
5.0
1.5SMC160A 1.5SMC160CA
160A
160CA
136
152
168
1.0
219
6.9
5.0
1.5SMC170
1.5SMC170C
170
170C
138
153
187
1.0
244
6.2
5.0
1.5SMC170A 1.5SMC170CA
170A
170CA
145
162
179
1.0
234
6.5
5.0
1.5SMC180
1.5SMC180C
180
180C
146
162
198
1.0
258
5.9
5.0
1.5SMC180A 1.5SMC180CA
180A
180CA
154
171
189
1.0
246
6.2
5.0
1.5SMC200
1.5SMC200C
200
200C
162
180
220
1.0
287
5.3
5.0
1.5SMC200A 1.5SMC200CA
200A
200CA
171
190
210
1.0
274
5.5
5.0
1.5SMC220
1.5SMC220C
220
220C
175
198
242
1.0
344
4.4
5.0
1.5SMC220A 1.5SMC220CA
220A
220CA
185
209
231
1.0
328
4.6
5.0
1.5SMC250
1.5SMC250C
250
250C
202
225
275
1.0
360
4.2
5.0
1.5SMC250A 1.5SMC250CA
250A
250CA
214
237
263
1.0
344
4.4
5.0
1.5SMC300
1.5SMC300C
300
300C
243
270
330
1.0
430
3.5
5.0
1.5SMC300A 1.5SMC300CA
300A
300CA
256
285
315
1.0
414
3.7
5.0
1.5SMC350
1.5SMC350C
350
350C
284
315
385
1.0
504
3.0
5.0
1.5SMC350A 1.5SMC350CA
350A
350CA
300
333
368
1.0
482
3.2
5.0
1.5SMC400
1.5SMC400C
400
400C
324
360
440
1.0
574
2.6
5.0
1.5SMC400A 1.5SMC400CA
400A
400CA
342
380
420
1.0
548
2.8
5.0
1.5SMC440
1.5SMC440C
440
440C
356
396
484
1.0
631
2.4
5.0
1.5SMC440A 1.5SMC440CA
440A
440CA
376
418
462
1.0
600
2.5
5.0
UNI/BI-DIRECTIONAL 6.8
to 440Volts 1500W SMD TRANSIENT VOLTAGE SUPPRESSORS
Alldatasheet


Similar Part No. - 1.5SMC16A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1.5SMC16A DGNJDZ-1.5SMC16A Datasheet
98Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
1.5SMC16A CENTRAL-1.5SMC16A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Nantong Hornby Electron...
1.5SMC16A HORNBY-1.5SMC16A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC16A VISHAY-1.5SMC16A Datasheet
113Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Gaomi Xinghe Electronic...
1.5SMC16A GXELECTRONICS-1.5SMC16A Datasheet
200Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC16A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
1.5KE6.8 DACHANG-1.5KE6.8 Datasheet
174Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com