Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1080L Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR1080L
Description  10.0A LOW VF SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR1080L Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR1080L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR1080L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

2 of 2
SR1020L – SR10200L
SR1020L – SR10200L
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com

V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
100
1000
3000
0.1
1.0
10
100
T = 25 C
j
°
20 - 40
50- 100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
0.001
0
025
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
2
4
8
10
6
Resistive or
Inductive Load
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
20 –40
50 – 60
80 – 200
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
30
60
90
120
150
Alldatasheet


Similar Part No. - SR1080L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR1080L JINANJINGHENG-SR1080L Datasheet
67Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1080L CHENDA-SR1080L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SR1080L CHENDA-SR1080L Datasheet
5Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SR1080L DYELEC-SR1080L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1080L DGNJDZ-SR1080L Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SR1080L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR1040CP ZSELEC-MBR1040CP Datasheet
289Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040CT ZSELEC-BD1040CT Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SB1040DC ZSELEC-SB1040DC Datasheet
147Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040G ZSELEC-MBR1040G Datasheet
299Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CG ZSELEC-MBR1040CG Datasheet
283Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CT ZSELEC-MBR1040CT Datasheet
320Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
BD1040YS ZSELEC-BD1040YS Datasheet
149Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SK1040P ZSELEC-SK1040P Datasheet
137Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
SR1020 ZSELEC-SR1020 Datasheet
69Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
MBR1040CK ZSELEC-MBR1040CK Datasheet
278Kb / 2P
   10.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com