Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1060L Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SR1060L
Description  10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SR1060L Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SR1060L Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SR1060L Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SR1060L Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SR10**L
TO-277B
3 of 3
Ordering Information
Part Number
Case
Packaging
5000/Tape & Reel
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Outline Dimensions
Suggested Pad Layout
Dim
Min
Max
A
1.05
1.15
B
0.33
0.43
C
0.80
0.99
D
1.70
1.88
E
3.90
4.05
F
3.054 Typ
G
6.40
6.60
H
1.84 Typ
I
5.30
5.45
J
3.549 Typ
K
0.75
0.95
L
0.50
0.65
M
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
1.840
a
3.360
c
1.390
b
4.860
d
1.400
G
I
C
A
B
B
E
D
C
H
F
K
J
L
M
h
a
e
d
b
c
TO-277B
e
h
0.852
SR1045L-SR10200L
SR1045L-SR10200L
Alldatasheet


Similar Part No. - SR1060L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR1060L JINANJINGHENG-SR1060L Datasheet
64Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR1060L CHENDA-SR1060L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SR1060L CHENDA-SR1060L Datasheet
5Mb / 2P
   15 0A Surface Mount Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR1060L JINGHENG-SR1060L Datasheet
64Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SR1060L DGNJDZ-SR1060L Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SR1060L

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SB10T80L ZSELEC-SB10T80L Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SL10T80 ZSELEC-SL10T80 Datasheet
328Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
10U45S ZSELEC-10U45S Datasheet
299Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR10T80L ZSELEC-SR10T80L Datasheet
264Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB1045L ZSELEC-SB1045L Datasheet
278Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SB1045L SY-SB1045L Datasheet
1Mb / 2P
   10A Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com