Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ7.5A Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SMBJ7.5A
Description  5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SMBJ7.5A Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SMBJ7.5A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ7.5A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ7.5A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ7.5A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd SMBJ7.5A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3. For Bi-Directional devices having V
2. V
Notes:
1. Suffix C denotes Bi-directional device.
UNI/BI-DIRECTIONAL 5.0 to 440Volts 600W SMD TRANSIENT VOLTAGE SUPPRESSORS
3 of 5
SMBJ SERIES
SMBJ SERIES
BR measured with IT current pulse = 300
ms
RWM of 10V and under, the IR is doubled.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ5.0
SMBJ5.0C
KD
AD
5.0
6.40
7.55
10
9.6
62.5
800.0
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.25
10
9.2
65.2
800.0
SMBJ6.0
SMBJ6.0C
KF
AF
6.0
6.67
8.45
10
11.4
52.6
800.0
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.67
10
10.3
58.3
800.0
SMBJ6.5
SMBJ6.5C
KH
AH
6.5
7.22
9.14
10
12.3
48.8
500.0
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
8.30
10
11.2
53.6
500.0
SMBJ7.0
SMBJ7.0C
KL
AL
7.0
7.78
9.86
10
13.3
45.1
200.0
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.95
10
12.0
50.0
200.0
SMBJ7.5
SMBJ7.5C
KN
AN
7.5
8.33
10.67
1.0
14.3
42.0
100.0
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.58
1.0
12.9
46.5
100.0
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.0
8.89
11.3
1.0
15.0
40.0
50.0
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
10.23
1.0
13.6
44.1
50.0
SMBJ8.5
SMBJ8.5C
KS
AS
8.5
9.44
11.92
1.0
15.9
37.7
20.0
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.82
1.0
14.4
41.7
20.0
SMBJ9.0
SMBJ9.0C
KU
AU
9.0
10.0
12.6
1.0
16.9
35.5
10.0
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.5
1.0
15.4
39.0
10.0
SMBJ10
SMBJ10C
KW
AW
10
11.1
14.1
1.0
18.8
31.9
5.0
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.8
1.0
17.0
35.3
5.0
SMBJ11
SMBJ11C
KY
AY
11
12.2
15.4
1.0
20.1
29.9
5.0
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
14.0
1.0
18.2
33.0
5.0
SMBJ12
SMBJ12C
LD
BD
12
13.3
16.9
1.0
22.0
27.3
5.0
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
15.3
1.0
19.9
30.2
5.0
SMBJ13
SMBJ13C
LF
BF
13
14.4
18.2
1.0
23.8
25.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
16.5
1.0
21.5
27.9
5.0
SMBJ14
SMBJ14C
LH
BH
14
15.6
19.8
1.0
25.8
23.3
5.0
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.9
1.0
23.2
25.9
5.0
SMBJ15
SMBJ15C
LL
BL
15
16.7
21.1
1.0
26.9
22.3
5.0
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
19.2
1.0
24.4
24.6
5.0
SMBJ16
SMBJ16C
LN
BN
16
17.8
22.6
1.0
28.8
20.8
5.0
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
20.5
1.0
26.0
23.1
5.0
SMBJ17
SMBJ17C
LQ
BQ
17
18.9
23.9
1.0
30.5
19.7
5.0
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
21.7
1.0
27.6
21.7
5.0
SMBJ18
SMBJ18C
LS
BS
18
20.0
25.3
1.0
32.2
18.6
5.0
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
23.3
1.0
29.2
20.5
5.0
SMBJ20
SMBJ20C
LU
BU
20
22.2
28.1
1.0
35.8
16.8
5.0
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
25.5
1.0
32.4
18.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
Alldatasheet


Similar Part No. - SMBJ7.5A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMBJ7.5A JUXING-SMBJ7.5A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
Jinan Gude Electronic D...
SMBJ7.5A JGD-SMBJ7.5A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ7.5A SOCAY-SMBJ7.5A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Diotech Company.
SMBJ7.5A DIOTECH-SMBJ7.5A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ7.5A MICROSEMI-SMBJ7.5A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Similar Description - SMBJ7.5A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
MMF5.0A ZSELEC-MMF5.0A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com