Electronic Components Datasheet Search |
|
NTE1775 Datasheet(PDF) 2 Page - NTE Electronics |
|
NTE1775 Datasheet(HTML) 2 Page - NTE Electronics |
2 / 3 page Electrical Characteristics: (TA = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Recommended Supply Voltage VCC 10.8 12.0 13.2 V Supply Current ICC VCC = 12V 42 51 63 mA Video DC Output Voltage V12 VCC = 12V 5.2 5.5 5.8 V AFT DC Output Voltage V5 VCC = 12V, SW1: ON, SW2: ON 5.3 6.8 8.3 V V6 VCC = 12V, SW1: ON, SW2: ON 5.3 6.8 8.3 V AFC Output Offset Voltage V5–V6 VCC = 12V, SW1: ON, SW2: ON –1.5 0 +1.5 V RF AGC Residual Output Voltage V4 SAT VCC = 12V, SW3: 2, SW4: 1 – – 0.5 V RF AGC Leakage Current I4 LEAK VCC = 12V, SW3: 1, SW4: 1 – – 1.0 µA Video Sensitivity VCC = 12V, V12 = 0.8VP–P, fp = 58.75MHz, AM: 30% 50 100 220 µVrms AGC Range ∆A (IF) VCC = 12V, fp = 58.75MHz, V14 = 11.5V to 4.0V 60 65 – dB Sync Tip Level Voltage VSYNC VCC = 12V, fp = 58.75MHz 2.3 2.5 2.7 V Maximum Input Voltage VIN Max VCC = 12V, fp = 58.75MHz 100 120 – mVrms White Noise, Threshold Level VW TH VCC = 12V, fp = 58.75MHz 6.0 6.4 6.8 V White Noise, Clamp Level VW CL VCC = 12V, fp = 58.75MHz 3.7 4.1 4.5 V Black Noise, Threshold Level VB TH VCC = 12V, fp = 58.75MHz 1.4 1.6 1.8 V Black Noise, Clamp Level VB CL VCC = 12V, fp = 58.75MHz 2.9 3.3 3.7 V Video Frequency Response fBW f = 58.75MHz, Sweep Generator 4.5 5.5 – MHz Carrier Suppression CL SG1 = 100mVrms, SG2, SG3: OFF 40 50 – dB 2nd Carrier Suppression I2nd SG1 = 100mVrms, SG2, SG3: OFF 40 50 – dB 920kHz Carrier Beat Suppression I920 SG1 = 100mVrms, SG2 = 32mVrms, SG3 = 32mVrms 33 38 – dB Differential Phase DP – 3.5 5.0 deg Differential Gain DG – 7 10 % Input Impedance RIN f = 58.75MHz Between Pin1 and Pin16 3.0 4.5 6.0 k Ω CIN – 2.0 5.0 pF AFT Sensitivity f = 58.75MHz – 16 – kHz/V AFT Output Upper Voltage V5, V6 U f = 58.75MHz 11.7 11.9 12.0 V AFT Output Lower Voltage V5, V6 L f – 58.75MHz 1.8 2.3 2.8 V Maximum Available Current I4 Max 0.3 – – mA |
Similar Part No. - NTE1775 |
|
Similar Description - NTE1775 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |