Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3293BNT3R Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3293BNT3R
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293BNT3R Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3293BNT3R Datasheet HTML 1Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 2Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 3Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 4Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 5Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 6Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 7Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 8Page - E-CMOS Corporation EC3293BNT3R Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EC3293B
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
4/11
Electrical Characteristics
(TA = +25°C, VIN = +12V, unless otherwise noted.)
* Guaranteed by design, not tested.
PARAMETER
Symbol
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
4.5
18
V
Output Voltage
VOUT
0.6
15
V
Shutdown Supply Current
VEN = 0V
3
6
µA
Supply Current
VEN = 2.0V,VFB =0.66V
0.7
mA
Feedback Voltage
VFB
4.5V
≤ V
IN ≤ 18V
0.558
0.6
0.612
V
Feedback Over-voltage Threshold
0.72
V
Error Amplifier Voltage Gain *
AEA
1000
V/V
High-Side Switch-On Resistance *
RDS(ON)1
85
Low-side Switch-On Resistance *
RDS(ON)2
45
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
TA = +125°C
10
µA
Upper Switch Current Limit
Minimum Duty Cycle
3.7
4.3
A
Lower Switch Current Limit
From Drain to Source
0
A
Oscillation Frequency
FOSC1
400
500
600
KHz
Short Circuit Oscillation Frequency
FOSC2
VFB = 0V
200
250
300
KHz
Maximum Duty Cycle
DMAX
VFB = 0.5V
90
%
Minimum On Time *
90
ns
EN Falling Threshold Voltage
VEN Falling
1.12
V
EN Rising Threshold Voltage
VEN Rising
1.22
V
Input Under Voltage Lockout Threshold
VIN Rising
3.5
V
Input Under Voltage Lockout Threshold
Hysteresis
200
mV
Soft-Start Period
1
ms
Thermal Shutdown *
150
°C


Similar Part No. - EC3293BNT3R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293ANT3R E-CMOS-EC3293ANT3R Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293NNMHR E-CMOS-EC3293NNMHR Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
More results

Similar Description - EC3293BNT3R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
logo
Shenzhen Huazhimei Semi...
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
   18V, 3A, 500KHz Synchronous Step-Down
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com