Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC3293ANT3R Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC3293ANT3R
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293ANT3R Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC3293ANT3R Datasheet HTML 3Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 4Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 5Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 6Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 7Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 8Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 9Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 10Page - E-CMOS Corporation EC3293ANT3R Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
7/11
Application Information
Overview
The EC3293A is a synchronous rectified, current-mode, step-down regulator. It regulates input voltages from
4.7V to 18V down to an output voltage as low as 0.8V, and supplies up to 3A of load current.
The EC3293A uses current-mode control to regulate the output voltage. The output voltage is measured
at FB through a resistive
voltage divider and amplified through the internal trans-conductance error
amplifier.
The converter uses internal N-Channel MOSFET switches to step-down the input voltage to the regulated output
voltage. Since the high side MOSFET
requires a gate voltage greater than the input voltage, a boost
capacitor connected between SW and BOOT is needed to drive the high side gate. The boost capacitor is
charged from the internal 5V rail when SW is low.
When
the
EC3293A
FB
pin
exceeds
10%
of
the nominal regulation voltage of 0.8V, the over
voltage comparator is tripped forcing the high-side switch off.
Pins Description
BOOT: High-Side Gate Drive Boost Input. BOOT supplies the drive for the high-side N-Channel MOSFET
switch. Connect
a 0.1μF or greater capacitor from SW to BOOT to power the high side switch.
IN: Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN with
a 4.7V to 18V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise on the
input to the IC.
SW: Power Switching Output. SW is the switching node that supplies power to the output. Connect the output
LC
filter
from
SW
to
the
output
load.
Note
that
a capacitor is required from SW to BOOT to
power the high-side switch.
GND: Ground.
FB: Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a resistive
voltage divider from the output voltage. The feedback threshold is 0.8V.
EN: Enable Input. EN is a digital input that turns the regulator
on
or
off.
Drive
EN
high
to
turn
on the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic startup.
Setting the Output Voltage
The external resistor divider sets output voltage. The feedback resistor R1 also sets the feedback loop
bandwidth through the internal compensation capacitor.
(see the typical application circuit). Choose the R1 around 10KΩ,and R2 by R2=R1/(Vout/0.8V-1)
Use T-type network for when Vout is low.
Figure 1:T-type network


Similar Part No. - EC3293ANT3R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293BNT3R E-CMOS-EC3293BNT3R Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293NNMHR E-CMOS-EC3293NNMHR Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
More results

Similar Description - EC3293ANT3R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
   2A, 18V, 500kHz, synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
logo
Shenzhen Huazhimei Semi...
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
   18V, 3A, 500KHz Synchronous Step-Down
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com