Electronic Components Datasheet Search |
|
CD40160BM Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
CD40160BM Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 8 page Absolute Maximum Ratings (Notes12) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications DC Supply Voltage (VDD) b 05 to a18 VDC Input Voltage (VIN) b 05 to VDD a05 VDC Storage Temperature Range (TS) b 65 Cto a150 C Power Dissipation (PD) Dual-In-Line 700 mW Small Outline 500 mW Lead Temperature (Soldering 10 seconds) 260 C Recommended Operating Conditions (Note 2) DC Supply Voltage (VDD) 3Vto15VDC Input Voltage (VIN) 0VtoVDD VDC Operating Temperature Range (TA) CD40XXXBM b 55 Cto a125 C CD40XXXBC b 40 Cto a85 C DC Electrical Characteristics CD40160BMCD40161BMCD40162BMCD40163BM (Note 2) Limits Symbol Parameter Conditions b 55 C a 25 C a 125 C Units Min Max Min Typ Max Min Max IDD Quiescent Device VDD e 5V 5 5 150 m A Current VDD e 10V 10 10 300 m A VDD e 15V 20 20 600 m A VOL Low Level Output lIOl k 1 mA Voltage VDD e 5V 005 005 005 V VDD e 10V 005 005 005 V VDD e 15V 005 005 005 V VOH High Level Output lIOl k 1 mA Voltage VDD e 5V 495 495 5 495 V VDD e 10V 995 995 10 995 V VDD e 15V 1495 1495 15 1495 V VIL Low Level Input VDDe5V VOe05V or 45V 15 15 15 V Voltage VDDe10V VOe1V or 9V 30 30 30 V VDDe15V VOe15V or 135V 40 40 40 V VIH High Level Input VDDe5V VOe05V or 45V 35 35 35 V Voltage VDDe10V VOe1V or 9V 70 70 70 V VDDe15V VOe15V or 135V 110 110 110 V IOL Low Level Output VDDe5V VOe04V 064 051 088 036 mA Current (Note 3) VDDe10V VOe05V 16 13 225 09 mA VDDe15V VOe15V 42 34 88 24 mA IOH High Level Output VDDe5V VOe46V b 064 b 051 b 088 b 036 mA Current (Note 3) VDDe10V VOe95V b 16 b 13 b 225 b 09 mA VDDe15V VOe135V b 42 b 34 b 88 b 24 mA IIN Input Current VDDe15V VINe0V b 010 b 10b5 b 010 b 10 m A VDDe15V VINe15V 010 10b5 010 10 m A DC Electrical Characteristics CD40160BCCD40161BCCD40162BCCD40163BC (Note 2) Limits Symbol Parameter Conditions b 40 C a 25 C a 85 C Units Min Max Min Typ Max Min Max IDD Quiescent Device Current VDD e 5V 20 20 150 m A VDD e 10V 40 40 300 m A VDD e 15V 80 80 600 m A VOL Low Level Output lIOl k 1 mA Voltage VDD e 5V 005 005 005 V VDD e 10V 005 005 005 V VDD e 15V 005 005 005 V VOH High Level Output lIOl k 1 mA Voltage VDD e 5V 495 495 5 495 V VDD e 10V 995 995 10 095 V VDD e 15V 1495 1495 15 1495 V VIL Low Level Input VDDe5V VOe05V or 45V 15 15 15 V Voltage VDDe10V VOe1V or 9V 30 30 30 V VDDe15V VOe15V or 135V 40 40 40 V 2 |
Similar Part No. - CD40160BM |
|
Similar Description - CD40160BM |