Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6063338 Datasheet(PDF) 3 Page - SICK AG

Part # 6063338
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6063338 Datasheet(HTML) 3 Page - SICK AG

  6063338 Datasheet HTML 1Page - SICK AG 6063338 Datasheet HTML 2Page - SICK AG 6063338 Datasheet HTML 3Page - SICK AG 6063338 Datasheet HTML 4Page - SICK AG 6063338 Datasheet HTML 5Page - SICK AG 6063338 Datasheet HTML 6Page - SICK AG 6063338 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GLL170-N334 | GLL170
FIBER-OPTIC SENSORS AND FIBERS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 30 mA 3)
Output type
NPN
Number of switching outputs
1
Switching mode
Light/dark switching
Switching mode selector
Selectable via rotary switch
Output current Imax.
≤ 100 mA
Response time
≤ 250 µs 4)
Switching frequency
2 kHz
Connection type
Connector M8, 4-pin
Cable material
PVC
Conductor cross-section
0.2 mm²
Cable diameter
3.8 mm
Circuit protection
5)
6)
7)
8)
Protection class
III
Weight
19 g
Housing material
PC/POM
Tightening torque, max.
0.5 Nm
Enclosure rating
IP66 9)
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) A = VS connections reverse-polarity protected.
6) B = inputs and output reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) With correctly attached fibre-optic cable LL3.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
2017-05-29 14:15:05 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 6063338

ManufacturerPart #DatasheetDescription
logo
SICK AG
6063334 SICK-6063334 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6063335 SICK-6063335 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6063336 SICK-6063336 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6063337 SICK-6063337 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
6063339 SICK-6063339 Datasheet
1Mb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 6063338

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com