Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2043877 Datasheet(PDF) 3 Page - SICK AG

Part # 2043877
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2043877 Datasheet(HTML) 3 Page - SICK AG

  2043877 Datasheet HTML 1Page - SICK AG 2043877 Datasheet HTML 2Page - SICK AG 2043877 Datasheet HTML 3Page - SICK AG 2043877 Datasheet HTML 4Page - SICK AG 2043877 Datasheet HTML 5Page - SICK AG 2043877 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L27S-3D2450, L27E-3P2450 | L27
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Electrical data
Sender
Receiver
Protection class
II (EN 50178)
Supply voltage VS
24 V DC (19.2 V DC ... 28.8 V DC)
Power consumption
≤ 35 mA
≤ 25 mA
Power consumption (with heating)
≤ 50 mA
≤ 40 mA
Test input voltage
> 15 V or not connected (Sender on) 1)
< 5 V (Sender off) 1)
Test duration
≤ 2.6 ms 2)
Switching outputs
PNP, Q 3)
Switching current
≤ 100 mA
1) The test input has a pull-up resistor to activate the sender (sender on) even when not connected. Therefore, an active-switched LOW signal is required to activate the
cyclic test with test gap (sender off).
2) Signal propagation time for resistive load, for test signal application (sender) and output signal reaction (receiver).
3) Short-circuit protected.
Mechanical data
Design
Rectangular
Dimensions (W x H x D)
24.6 mm x 92.8 mm x 54 mm
Housing material
ABS (plastic)
Weight
100 g
Ambient data
Enclosure rating
IP67 (EN 60529)
Ambient operating temperature
–40 °C ... +60 °C
Storage temperature
–40 °C ... +75 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
10 g, 16 ms (IEC 60068-2-29)
Other information
Sender
Receiver
Light source
LED
Type of light
Visible red light
Wave length
660 nm
Light spot diameter (distance)
200 mm (10 m)
Aperture angle/receiving angle
± 5° / ± 5°
Classifications
ECl@ss 5.0
27272701
ECl@ss 5.1.4
27272701
ECl@ss 6.0
27272701
ECl@ss 6.2
27272701
ECl@ss 7.0
27272701
ECl@ss 8.0
27272701
2017-09-01 12:26:26 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
3


Similar Part No. - 2043877

ManufacturerPart #DatasheetDescription
logo
SICK AG
2043858 SICK-2043858 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
2043859 SICK-2043859 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results

Similar Description - 2043877

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L29E-3P3430 SICK-L29E-3P3430 Datasheet
421Kb / 5P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40E-33MA2A SICK-L40E-33MA2A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com